Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1604A Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 2SB1604A
Description  Silicon PNP epitaxial planar type(For low-voltage switching)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB1604A Datasheet(HTML) 3 Page - Panasonic Semiconductor

  2SB1604A Datasheet HTML 1Page - Panasonic Semiconductor 2SB1604A Datasheet HTML 2Page - Panasonic Semiconductor 2SB1604A Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Power Transistors
Rth(t) —t
10–4
10
10–3
10–1
10–2
1103
102
104
10–2
10–1
1
10
103
102
(1)
(2)
(1) Without heat sink
(2) With a 100
× 100 × 2mm Al heat sink
Time t (s)
2SB1604, 2SB1604A


Similar Part No. - 2SB1604A

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SB1604A SAVANTIC-2SB1604A Datasheet
237Kb / 4P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB1604A JMNIC-2SB1604A Datasheet
194Kb / 4P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB1604A ISC-2SB1604A Datasheet
162Kb / 4P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB1604A SAVANTIC-2SB1604A Datasheet
238Kb / 4P
   Silicon PNP Power Transistors
More results

Similar Description - 2SB1604A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB935 PANASONIC-2SB935 Datasheet
58Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB947 PANASONIC-2SB947 Datasheet
56Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB1638 PANASONIC-2SB1638 Datasheet
58Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB1148 PANASONIC-2SB1148 Datasheet
59Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB953 PANASONIC-2SB953 Datasheet
56Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB1603 PANASONIC-2SB1603 Datasheet
54Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB952 PANASONIC-2SB952 Datasheet
58Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB936 PANASONIC-2SB936 Datasheet
58Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SD1538 PANASONIC-2SD1538 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type(For low-voltage switching)
2SD1539 PANASONIC-2SD1539 Datasheet
54Kb / 3P
   Silicon NPN epitaxial planar type(For low-voltage switching)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com