Selected language     English  ▼


AM29DL323D Datasheet(PDF) 1 Page - Advanced Micro Devices

Part No. AM29DL323D
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  58 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMD [Advanced Micro Devices]
Homepage  http://www.amd.com
Logo 

 
 1 page
background image
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Publication# 24218
Rev: B Amendment/1
Issue Date: March 15, 2001
Refer to AMD’s Website (www.amd.com) for the latest information.
DS42553
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Am29DL323D Top Boot 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only,
Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/ 256 K x 16-Bit) Static RAM
DISTINCTIVE CHARACTERISTICS
MCP Features
s Power supply voltage of 2.7 to 3.3 volt
s High performance
— 90 ns maximum access time
s Package
— 73-Ball FBGA
s Operating Temperature
— –25°C to +85°C
Flash Memory Features
ARCHITECTURAL ADVANTAGES
s Simultaneous Read/Write operations
— Data can be continuously read from one bank while
executing erase/program functions in other bank
— Zero latency between read and write operations
s Secured Silicon (SecSi) Sector: Extra 64 KByte sector
— Factory locked and identifiable: 16 bytes available for
secure, random factory Electronic Serial Number; verifiable
as factory locked through autoselect function.
— Customer lockable: Can be read, programmed, or erased
just like other sectors. Once locked, data cannot be changed
s Zero Power Operation
— Sophisticated power management circuits reduce power
consumed during inactive periods to nearly zero
s Top boot block
s Manufactured on 0.23 µm process technology
s Compatible with JEDEC standards
— Pinout and software compatible with single-power-supply
flash standard
PERFORMANCE CHARACTERISTICS
s High performance
— Access time as fast 70 ns
— Program time: 7 µs/word typical utilizing Accelerate function
s Ultra low power consumption (typical values)
— 2 mA active read current at 1 MHz
— 10 mA active read current at 5 MHz
— 200 nA in standby or automatic sleep mode
s Minimum 1 million write cycles guaranteed per sector
s 20 Year data retention at 125
°C
— Reliable operation for the life of the system
SOFTWARE FEATURES
s Data Management Software (DMS)
— AMD-supplied software manages data programming and
erasing, enabling EEPROM emulation
— Eases sector erase limitations
s Supports Common Flash Memory Interface (CFI)
s Erase Suspend/Erase Resume
— Suspends erase operations to allow programming in same
bank
s Data# Polling and Toggle Bits
— Provides a software method of detecting the status of
program or erase cycles
s Unlock Bypass Program command
— Reduces overall programming time when issuing multiple
program command sequences
HARDWARE FEATURES
s Any combination of sectors can be erased
s Ready/Busy# output (RY/BY#)
— Hardware method for detecting program or erase cycle
completion
s Hardware reset pin (RESET#)
— Hardware method of resetting the internal state machine to
reading array data
s WP#/ACC input pin
— Write protect (WP#) function allows protection of two outermost
boot sectors, regardless of sector protect status
— Acceleration (ACC) function accelerates program timing
s Sector protection
— Hardware method of locking a sector, either in-system or
using programming equipment, to prevent any program or
erase operation within that sector
— Temporary Sector Unprotect allows changing data in
protected sectors in-system
SRAM Features
s Power dissipation
— Operating: 50 mA maximum
— Standby: 7 µA maximum
s CE1s# and CE2s Chip Select
s Power down features using CE1s# and CE2s
s Data retention supply voltage: 1.5 to 3.3 volt
s Byte data control: LB#s (DQ0–DQ7), UB#s (DQ8–DQ15)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AM49DL640AGStacked Multi-Chip Package MCP Flash Memory and SRAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM42DL640AGStacked Multi-Chip Package MCP Flash Memory and SRAM 64 Megabit 8 M x 8-Bit/4 M x 16-Bit CMOS 3.0 Volt-only 1 2 3 4 5 MoreSPANSION
DS42515Stacked Multi-Chip Package MCP Flash Memory and SRAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM50DL128CGStacked Multi-Chip Package MCP Flash Memory and SRAM 1 2 3 4 5 MoreSPANSION
DS42516Stacked Multi-Chip Package MCP Flash Memory and SRAM 1 2 3 4 5 MoreAdvanced Micro Devices
DS42546Stacked Multi-Chip Package MCP Flash Memory and SRAM 1 2 3 4 5 MoreAdvanced Micro Devices
DS42514Stacked Multi-Chip Package MCP Flash Memory and SRAM 1 2 3 4 5 MoreAdvanced Micro Devices
DS42585Stacked Multi-Chip Package MCP Flash Memory and SRAM 1 2 3 4 5 MoreAdvanced Micro Devices
75V16F64GS1664 Mbit FLASH MEMORY AND 16 Mbit PSEUDO SRAM STACKED MULTI-CHIP PACKAGE MCP 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
AM50DLI28BGStacked Multi-Chip Package MCP Flash Memory and SRAM 1 2 3 4 5 MoreAdvanced Micro Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl