Selected language     English  ▼


AM29DL323D Datasheet(PDF) 11 Page - Advanced Micro Devices

Part No. AM29DL323D
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  58 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMD [Advanced Micro Devices]
Homepage  http://www.amd.com
Logo 

 11 page
background image
DS42553
11
Table 3.
Device Bus Operations—Flash Byte Mode, CIOf = V
IL; SRAM Byte Mode, CIOs = VSS
Legend: L = Logic Low = VIL, H = Logic High = VIH, VID = 8.5–12.5 V, VHH = 9.0 ± 0.5 V, X = Don’t Care, SA = Sector Address,
A
IN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1. Other operations except for those indicated in this column are inhibited.
2. Do not apply CE#f = V
IL, CE1#s = VIL and CE2s = VIH at the same time.
3. Don’t care or open LB#s or UB#s.
4. If WP#/ACC = V
IL , the boot sectors will be protected. If WP#/ACC = VIH the boot sectors protection will be removed.
If WP#/ACC = VACC (9V), the program time will be reduced by 40%.
5. The sector protect and sector unprotect functions may also be implemented via programming equipment. See the “Sector/Sector
Block Protection and Unprotection” section.
6. If WP#/ACC = V
IL, the two outermost boot sectors remain protected. If WP#/ACC = VIH, the two outermost boot sector protection
depends on whether they were last protected or unprotected using the method described in “Sector/Sector Block Protection and
Unprotection”. If WP#/ACC = V
HH, all sectors will be unprotected.
Operation
(Notes 1, 2)
CE#f CE1#s CE2s
DQ15/
A–1
OE# WE#
SA
LB#s
(Note 3)
UB#s
(Note 3)
RESET#
WP#/ACC
(Note 4)
DQ0–DQ7 DQ8–DQ15
Read from Flash
L
HX
A–1LH
X
X
X
H
L/H
D
OUT
High-Z
XL
Write to Flash
L
HX
A–1H
L
X
X
X
H
(Note 3)
D
IN
High-Z
XL
Standby
V
CC ±
0.3 V
HX
XX
X
X
X
V
CC ±
0.3 V
H
High-Z
High-Z
XL
Output Disable
HL
H
XH
H
X
L
X
H
L/H
High-Z
High-Z
HH
X
X
X
L
L
HX
A–1H
H
X
X
X
XL
Flash Hardware
Reset
X
HX
X
X
X
X
X
X
L
L/H
High-Z
High-Z
XL
Sector Protect
(Note 5)
L
HX
HL
X
X
X
V
ID
L/H
D
IN
X
XL
Sector Unprotect
(Note 5)
L
HX
HL
X
X
X
V
ID
(Note 6)
D
IN
X
XL
Temporary
Sector Unprotect
X
Hx
XX
X
X
X
V
ID
(Note 6)
D
IN
High-Z
XL
Read from
SRAM
HL
H
X
L
H
SA
X
X
H
X
D
OUT
High-Z
Write to SRAM
H
L
H
X
X
L
SA
X
X
H
X
D
IN
High-Z




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AM49DL640AGStacked Multi-Chip Package MCP Flash Memory and SRAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM42DL640AGStacked Multi-Chip Package MCP Flash Memory and SRAM 64 Megabit 8 M x 8-Bit/4 M x 16-Bit CMOS 3.0 Volt-only 1 2 3 4 5 MoreSPANSION
DS42515Stacked Multi-Chip Package MCP Flash Memory and SRAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM50DL128CGStacked Multi-Chip Package MCP Flash Memory and SRAM 1 2 3 4 5 MoreSPANSION
DS42516Stacked Multi-Chip Package MCP Flash Memory and SRAM 1 2 3 4 5 MoreAdvanced Micro Devices
DS42546Stacked Multi-Chip Package MCP Flash Memory and SRAM 1 2 3 4 5 MoreAdvanced Micro Devices
DS42514Stacked Multi-Chip Package MCP Flash Memory and SRAM 1 2 3 4 5 MoreAdvanced Micro Devices
DS42585Stacked Multi-Chip Package MCP Flash Memory and SRAM 1 2 3 4 5 MoreAdvanced Micro Devices
75V16F64GS1664 Mbit FLASH MEMORY AND 16 Mbit PSEUDO SRAM STACKED MULTI-CHIP PACKAGE MCP 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
AM50DLI28BGStacked Multi-Chip Package MCP Flash Memory and SRAM 1 2 3 4 5 MoreAdvanced Micro Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl