Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73K321L Datasheet(PDF) 7 Page - TDK Electronics

Part # 73K321L
Description  CCITT V.23, V.21 Single-Chip Modem
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

73K321L Datasheet(HTML) 7 Page - TDK Electronics

Back Button 73K321L Datasheet HTML 3Page - TDK Electronics 73K321L Datasheet HTML 4Page - TDK Electronics 73K321L Datasheet HTML 5Page - TDK Electronics 73K321L Datasheet HTML 6Page - TDK Electronics 73K321L Datasheet HTML 7Page - TDK Electronics 73K321L Datasheet HTML 8Page - TDK Electronics 73K321L Datasheet HTML 9Page - TDK Electronics 73K321L Datasheet HTML 10Page - TDK Electronics 73K321L Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
73K321L
CCITT V.23, V.21
Single-Chip Modem
7
REGISTER ADDRESS TABLE
X = Undefined, mask in software
0 = Only write zero to these locations
TRANSMIT
MODE 4
00=NORMAL
01=ANALOG LOOPBACK
10=REMOTE DIGITAL
LOOPBACK
11=LOCAL DIGITAL
LOOPBACK
CONTROL
REGISTER
0
000
TRANSMIT
MODE
3
TRANSMIT
MODE
2
TRANSMIT
ENABLE
ORIGINATE/
ANSWER
DATA BIT NUMBER
AD2 - AD0
REGISTER
ADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
TEST
MODE
0
TEST
MODE
1
RESET
CLK
CONTROL
ADD PH. EQ.
ENABLE
DETECT
INTERRUPT
TRANSMIT
PATTERN
0
TRANSMIT
PATTERN
1
001
CONTROL
REGISTER
1
CR1
LONG
LOOP
CALL
PROGRESS
SPECIAL
TONE
CARRIER
DETECT
RECEIVE
DATA
010
DETECT
REGISTER
DR
DTMF0/
SPECIAL
TONE
DTMF1
DTMF2/
V.23 FDX
DTMF3
TRANSMIT
DTMF
TRANSMIT
ANSWER
TONE
RXD
OUTPUT
CONTROL
011
TONE
CONTROL
REGISTER
TR
TRANSMIT
MODE
0
0000=PWR DOWN
1100=FSK
0001=TRANSMIT DTMF, CALL PROGRESS DETECTION
0=DISABLE
TXA OUTPUT
1=ENABLE
TXA OUTPUT
IN V.21 MODE:
0=ANSWER
1=ORIGINATE
IN V.23 MODE :
0=RECEIVE @ 1200 BIT/S, TRANSMIT @ 75 BIT/S
1=RECEIVE @ 75 BIT/S, TRANSMIT @ 1200 BIT/S
00=TX DATA
01=TX ALTERNATE
10=TX MARK
11=TX SPACE
0=DISABLED
1=ENABLED
0=NORMAL EQ.
1=ADD EXTRA
PHASE EQ.
IN V.23
0=XTAL
1= NOT SUPPORTED IN THIS DEVICE
0=NORMAL
1=RESET
OUTPUTS
RECEIVED
DATA STREAM
0=CONDITION NOT DETECTED
1=CONDITION DETECTED
RXD PIN
0=NORMAL
1=TRI STATE
0=OFF
1=ON
0=DATA
1=TX DTMF
4 BIT CODE FOR 1 OF 16
DUAL TONE COMB-
INATIONS. OVERIDES
OTHER TRANSMIT MODES
CR0
0=V.23 FSK
1=V.21 FSK
TRANSMIT
CALLING
TONE
0=ANSWER TONE FREQ.=2225 Hz
FSK MARK WILL BE INDICATED
BY SPECIAL TONE BIT IN DR
1=ANSWER TONE FREQ.=2100 Hz
EITHER 2100 Hz (IN ORIG.) OR
1300 Hz (IN ANS.) WILL BE
INDICATED BY SPECIAL TONE
BIT IN DR
0=OFF
1=ON
0=HALF DUPLEX V.23
1=ALLOWS V.23 FULL
DUPLEX OPERATION
00XX=73K212AL, 322L, 321L
01XX=73K221AL, 302L
10XX=73K222AL, 222BL
1100=73K224L
1110=73K324L
1100=73K224BL
1110=73K324BL
ID
REGISTER
10
110
ID
ID
ID
ID
0
0
X
X
X
X
X
X
X


Similar Part No. - 73K321L

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K321L TDK-73K321L Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
More results

Similar Description - 73K321L

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K322L TDK-73K322L Datasheet
288Kb / 30P
   CCITT V.23, V.22, V.21 Single-Chip Modem
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
Motorola, Inc
MC145745 MOTOROLA-MC145745 Datasheet
175Kb / 16P
   V.21/V.23 TELEMETER MODEM
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
   BELL 103/V.21 SINGLE CHIP MODEM
logo
TDK Electronics
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
logo
TDK Electronics
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
   V.23 / Bell 202 Modem
logo
TDK Electronics
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com