Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM50DL128CH Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM50DL128CH
Description  STACKED MULTI-CHIP PACKAGE (MCP) FLASH MEMORY AND SRAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM50DL128CH Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM50DL128CH Datasheet HTML 6Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 7Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 8Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 9Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 10Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 11Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 12Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 13Page - Advanced Micro Devices AM50DL128CH Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
8
Am50DL128CH
October 6, 2003
ADV ANCE
I N FO RMAT I O N
PIN DESCRIPTION
A21–A0
= 22 Address Inputs (Common)
DQ15–DQ0
= 16 Data Inputs/Outputs (Common)
CE#f1
= Chip Enable 1 (Flash 1)
CE#f2
= Chip Enable 2 (Flash 2)
CE1#ps
= Chip Enable 1 (pSRAM)
CE2ps
= Chip Enable 2 (pSRAM)
OE#
= Output Enable (Common)
WE#
= Write Enable (Common)
RY/BY#1
= Ready/Busy Output (Flash 1)
RY/BY#2
= Ready/Busy Output (Flash 2)
UB#
= Upper Byte Control (pSRAM)
LB#
= Lower Byte Control (pSRAM)
RESET#1
= Hardware Reset Pin, Active Low
(Flash 1)
RESET#2
= Hardware Reset Pin, Active Low
(Flash 2)
WP#/ACC
= Hardware Write Protect/
Acceleration Pin (Flash)
V
CCf
= Flash 3.0 volt-only single power sup-
ply (see Product Selector Guide for
speed options and voltage supply
tolerances)
V
CCps
= pSRAM Power Supply
V
SS
= Device Ground (Common)
NC
= Pin Not Connected Internally
LOGIC SYMBOL
22
16
DQ15–DQ0
A21–A0
CE#f1
OE#
WE#
RESET#1
UB#
RY/BY#1
WP#/ACC
LB#
CE1#ps
CE2ps
CE#f2
RESET#2
RY/BY#2


Similar Part No. - AM50DL128CH

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM50DL128CH SPANSION-AM50DL128CH Datasheet
922Kb / 66P
   Two Am29DL640G 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories
AM50DL128CH56IS SPANSION-AM50DL128CH56IS Datasheet
922Kb / 66P
   Two Am29DL640G 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories
AM50DL128CH56IT SPANSION-AM50DL128CH56IT Datasheet
922Kb / 66P
   Two Am29DL640G 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories
AM50DL128CH70IS SPANSION-AM50DL128CH70IS Datasheet
922Kb / 66P
   Two Am29DL640G 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories
AM50DL128CH70IT SPANSION-AM50DL128CH70IT Datasheet
922Kb / 66P
   Two Am29DL640G 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories
More results

Similar Description - AM50DL128CH

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM41DL6408H AMD-AM41DL6408H Datasheet
1Mb / 66P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42516 AMD-DS42516 Datasheet
953Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com