Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3335AV-40T6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UPSD3335AV-40T6
Description  Flash Programmable System Device with 8032 Microcontroller Core
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3335AV-40T6 Datasheet(HTML) 4 Page - STMicroelectronics

  UPSD3335AV-40T6 Datasheet HTML 1Page - STMicroelectronics UPSD3335AV-40T6 Datasheet HTML 2Page - STMicroelectronics UPSD3335AV-40T6 Datasheet HTML 3Page - STMicroelectronics UPSD3335AV-40T6 Datasheet HTML 4Page - STMicroelectronics UPSD3335AV-40T6 Datasheet HTML 5Page - STMicroelectronics UPSD3335AV-40T6 Datasheet HTML 6Page - STMicroelectronics UPSD3335AV-40T6 Datasheet HTML 7Page - STMicroelectronics UPSD3335AV-40T6 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
µPSD3200 FAMILY
4/8
Table 1. 80-Pin Package Pin Description
Note: PSD Port A and MCU Address/Data bus are added for 80-pin device
Signal Name
In/Out
Function
Basic
Alternate
AD7-AD0
I/O
Multiplexed Address/Data bus
A11-A8
I/O
External Address Bus
RxD2-RxD1
I/O
General I/O port pins
UART Receive
TxD2-TxD1
I/O
UART Transmit
INT1-INT0
I/O
Interrupt inputs / timer gate controls
T2-T0
I/O
Counter inputs
SDA1-SDA2
I/O
I2C Bus serial data I/O / DDC interface
SCL1-SCL2
I/O
I2C Bus clock I/O
VSYNC
I/O
VSYNC input for DDC interface
T2EX
I/O
Timer 2 Trigger input
ADC3-ADC0
I/O
ADC Channels input
PWM4-PWM0
I/O
8-bit Pulse Width Modulation outputs
USB-, USB+
I/O
USB I/O
AVREF
O
Reference Voltage input for ADC
RD_
O
Read signal, external bus
WR_
O
Write signal, external bus
PSEN_
O
PSEN signal, external bus
ALE
O
Address Latch signal, external bus
RESET_
I
Active low reset input
XTAL1
I
Oscillator input pin for system clock
XTAL2
O
Oscillator output pin for system clock
PA7-PA0
I/O
General I/O port pins
1. PLD Macro-cell outputs
2. PLD inputs
3. Latched Address Out (A0-A7)
4. Peripheral I/O mode
PB7-PB0
I/O
General I/O port pins
1. PLD Macro-cell outputs
2. PLD inputs
3. Latched Address Out (A0-A7)
PC7-PC0
I/O
General I/O port pins
1. PLD Macro-cell outputs
2. PLD inputs
3. SRAM stand by voltage input (VSTBY)
4. JTAG Interface (TDI, TDO, TMS, TCK, TSTAT,
TERR)
5. SRAM battery-on indicator (PC4)
PD2-PD1
I/O
General I/O port pin
1. PLD I/O
2. Clock input to PLD and APD
3. Chip select to PSD Module


Similar Part No. - UPSD3335AV-40T6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3332D-40T6 STMICROELECTRONICS-UPSD3332D-40T6 Datasheet
3Mb / 231P
   Fast 8032 MCU with Programmable Logic
UPSD3332D-40T6T STMICROELECTRONICS-UPSD3332D-40T6T Datasheet
3Mb / 231P
   Fast 8032 MCU with Programmable Logic
UPSD3332D-40U6 STMICROELECTRONICS-UPSD3332D-40U6 Datasheet
3Mb / 231P
   Fast 8032 MCU with Programmable Logic
UPSD3332D-40U6T STMICROELECTRONICS-UPSD3332D-40U6T Datasheet
3Mb / 231P
   Fast 8032 MCU with Programmable Logic
UPSD3332DV-40T6 STMICROELECTRONICS-UPSD3332DV-40T6 Datasheet
3Mb / 231P
   Fast 8032 MCU with Programmable Logic
More results

Similar Description - UPSD3335AV-40T6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3234A STMICROELECTRONICS-UPSD3234A Datasheet
1Mb / 170P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3254A STMICROELECTRONICS-UPSD3254A Datasheet
1Mb / 175P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD325X STMICROELECTRONICS-UPSD325X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
UPSD323X STMICROELECTRONICS-UPSD323X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
UPSD3212C STMICROELECTRONICS-UPSD3212C Datasheet
1Mb / 152P
   Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
UPSD3253 STMICROELECTRONICS-UPSD3253 Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
November 2002
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
   Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
logo
ATMEL Corporation
ATMEGA32L ATMEL-ATMEGA32L_14 Datasheet
5Mb / 346P
   Microcontroller with 32KBytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128 Datasheet
481Kb / 24P
   Microcontroller with 128KBytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com