Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX5545G006 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # FX5545G006
Description  Industry Smallest and Low Profile 9W 1.5A DC/DC Boost Converter with High Output Power Density
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FX5545G006 Datasheet(HTML) 7 Page - Vishay Siliconix

  FX5545G006 Datasheet HTML 1Page - Vishay Siliconix FX5545G006 Datasheet HTML 2Page - Vishay Siliconix FX5545G006 Datasheet HTML 3Page - Vishay Siliconix FX5545G006 Datasheet HTML 4Page - Vishay Siliconix FX5545G006 Datasheet HTML 5Page - Vishay Siliconix FX5545G006 Datasheet HTML 6Page - Vishay Siliconix FX5545G006 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
FX5545G006
Vishay
Document Number: 10122
For technical questions, contact FunctionPAK@vishay.com
For marketing questions, contact FunctionPAK.marketing@vishay.com
www.vishay.com
Revision: 18-Jan-05
21
Vout vs. Iout
4.85
4.9
4.95
5
5.05
5.1
0
0.05
0.1
0.15
0.2
0.25
Iout (A)
Vin=4v
Vin=3v
Vout vs. Vin
4.9
4.92
4.94
4.96
4.98
5
5.02
5.04
5.06
5.08
5.1
2
2.5
3
3.5
4
4.5
5
Vin (v)
Iout=0.1A
Iout=0.2A
0
10
20
30
40
50
60
70
80
90
100
0
0.05
0.1
0.15
0.2
0.25
Iout (A)
Vin=5v
Vin=4v
Vout vs. Iout
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
0
0.05
0.1
0.15
0.2
0.25
Iout (A)
Vin=3v
Vin=2.5v
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
2.4
2.5
2.6
2.7
2.8
2.9
3
3.1
Vout vs. Vin
Iout=0.2A
Iout=0.1A
Vin (v)
0
10
20
30
40
50
60
70
80
90
100
0
0.05
0.1
0.15
0.2
0.25
Efficiency vs. Iout
Vin=3v
Vin=2.7v
Iout (A)
PSM MODE 5V
PSM MODE 3.3V


Similar Part No. - FX5545G006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FX5545G005 VISHAY-FX5545G005 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B1 VISHAY-FX5545G0052V7B1 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B1E2 VISHAY-FX5545G0052V7B1E2 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B5 VISHAY-FX5545G0052V7B5 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B5E2 VISHAY-FX5545G0052V7B5E2 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
More results

Similar Description - FX5545G006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FX5545G005 VISHAY-FX5545G005 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G402 VISHAY-FX5545G402 Datasheet
160Kb / 4P
   Industry Smallest and Low Profile 5W 1A DC/DC Boost Converter with High Output Density Power
Revision 13-Mar-03
FX5545G106 VISHAY-FX5545G106 Datasheet
556Kb / 8P
   Industry Smallest and Low Profile 12W 2A DC/DC Boost Converter with High Output Power Density
Revision: 19-Jan-05
FX5545G206 VISHAY-FX5545G206 Datasheet
634Kb / 8P
   Industry Smallest and Low Profile 15W, 2.5A DC/DC Boost Converter with High Output Power Density
Revision: 21-Jan-05
FX5545G305 VISHAY-FX5545G305 Datasheet
185Kb / 4P
   Industry Smallest and Low Profile 10W 3.0A DC/DC Buck Converter with High Output Power Density
Revision: 21-Jan-05
FX5545G201 VISHAY-FX5545G201 Datasheet
264Kb / 4P
   Industry Smallest and Low Profile 3W 1000mA DC/DC Buck Converter with High Output Power Density
Revision 14-Jun-04
FX5545G105 VISHAY-FX5545G105 Datasheet
191Kb / 4P
   Industry Smallest and Low Profile 6.5W 2.0A DC/DC Buck Converter with High Output Power Density
Revision: 21-Jan-05
FX5545G2013V3T2 VISHAY-FX5545G2013V3T2 Datasheet
322Kb / 5P
   Industry Smallest and Low Profile 3W 1000mA DC/DC Buck Converter with High Output Power Density
Revision: 22-Apr-09
logo
Minmax Technology Co., ...
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com