Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5924AEUB Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5924AEUB
Description  1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5924AEUB Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5924AEUB Datasheet HTML 6Page - Maxim Integrated Products MAX5924AEUB Datasheet HTML 7Page - Maxim Integrated Products MAX5924AEUB Datasheet HTML 8Page - Maxim Integrated Products MAX5924AEUB Datasheet HTML 9Page - Maxim Integrated Products MAX5924AEUB Datasheet HTML 10Page - Maxim Integrated Products MAX5924AEUB Datasheet HTML 11Page - Maxim Integrated Products MAX5924AEUB Datasheet HTML 12Page - Maxim Integrated Products MAX5924AEUB Datasheet HTML 13Page - Maxim Integrated Products MAX5924AEUB Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1V to 13.2V, n-Channel Hot-Swap Controllers
Require No Sense Resistor
10
______________________________________________________________________________________
Detailed Description
The MAX5924/MAX5925/MAX5926 are hot-swap con-
troller ICs designed for applications where a line card is
inserted into a live backplane. Normally, when a line card
is plugged into a live backplane, the card’s discharged
filter capacitors provide a low impedance that can
momentarily cause the main power supply to collapse.
The MAX5924/MAX5925/MAX5926 are designed to
reside either in the backplane or in the removable card
to provide inrush current limiting and short-circuit pro-
tection. This is achieved using an external n-channel
MOSFET and an optional external current-sense resistor.
Several critical parameters can be programmed:
• Slew rate (inrush current)
• Circuit-breaker threshold
• Turn-on voltage
• Fault-management mode (MAX5926)
• Circuit-breaker temperature coefficient (MAX5926)
See the Selector Guide for a device-specific list of fac-
tory-preset features and parameters.
Startup Mode
The MAX5924/MAX5925/MAX5926 control an external
MOSFET connected in series with the hot-swapped
power supply, VS. These devices hold the external
MOSFET off while the supply voltage, VCC, is below the
undervoltage lockout threshold or when the device is
disabled (see the EN (MAX5924/MAX5925, EN1/EN2
(MAX5926) section). When VCC rises above VUVLO and
the MAX5924/MAX5925/MAX5926 are enabled, an
undervoltage lockout timer initiates. VCC must remain
greater than VUVLO for tD,UVLO to enter startup.
During the first stage of startup, the MAX5924/
MAX5925/MAX5926 detect whether an external sense
resistor is present and autoconfigure accordingly
(Figure 4). Bilevel fault protection temporarily disables,
and load-probing circuitry enables, if no sense resistor
is detected (see the Load Probing section). During load
probing, if VOUT does not rise above VLP,TH within tLP,
the device manages the fault according to the selected
fault-management mode (see the Latched and
Autoretry Fault Management section). If VOUT rises
above VLP,TH within tLP, the MAX5924/MAX5925/
MAX5926 begin startup (Figure 5). If an external
RSENSE is detected, load probing is bypassed and
bilevel fault protection enables with a startup circuit-
breaker programming current of ICB,SU = 2 x ICB to
accommodate the higher-than-normal inrush current
required to charge board capacitance, CL.
During startup, the MAX5924/MAX5925/MAX5926 gradu-
ally turn on the MOSFET, and VOUT rises at a rate deter-
mined by the selected slew rate, SR (see the Slew Rate
section). The inrush current, IINRUSH, is limited to a level
proportional to the load capacitance, CL, and SR:
IINRUSH(A) = CL x 1000 x SR
where SR is in V/ms and CL is the load capacitance in
Farads. For operation with and without RSENSE, once
VGS exceeds VCB,EN, PGOOD and/or PGOOD assert
and the MAX5924/MAX5925/MAX5926 enable standard
bilevel fault protection (see the Bilevel Fault Protection
section).
VCC RISES ABOVE
VUVLO
LOAD
PROBE*
AUTODETECT
RSENSE
RSENSE
PRESENT
RSENSE
ABSENT
SLEW-RATE-
LIMITED STARTUP
SUCCESS
FAILURE
FAULT
MANAGEMENT
NORMAL
OPERATION
*VOUT MUST REACH VLP,TH WITHIN tLP.
Figure 4. Startup Flow Chart
tPROBE < tLP
IINRUSH
CL = LARGE
CL = SMALL
VOUT
VOUT
ILOAD
ILOAD
IPROBE
VLP,TH
(0.2V typ)
SR = dV
dt
CL = SMALL
SR = dV
dt
Figure 5. Startup Waveform


Similar Part No. - MAX5924AEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5924AEUB MAXIM-MAX5924AEUB Datasheet
382Kb / 22P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
Rev 2; 10/06
MAX5924AEUB MAXIM-MAX5924AEUB Datasheet
339Kb / 21P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
19-3443; Rev 3; 4/10
MAX5924AEUB MAXIM-MAX5924AEUB Datasheet
1Mb / 22P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
2016
More results

Similar Description - MAX5924AEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5924 MAXIM-MAX5924_10 Datasheet
339Kb / 21P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
19-3443; Rev 3; 4/10
MAX5924 MAXIM-MAX5924_06 Datasheet
382Kb / 22P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
Rev 2; 10/06
MAX5924 MAXIM-MAX5924_V01 Datasheet
1Mb / 22P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
2016
MAX5977A_1107 MAXIM-MAX5977A_1107 Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers 1V to 16V, Single-Channel, Hot-Swap Controllers
Rev 2; 7/11
MAX5977A MAXIM-MAX5977A Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers with Precision Current-Sensing Output
Rev 1; 1/11
logo
Micrel Semiconductor
MIC2085 MICREL-MIC2085 Datasheet
1,014Kb / 29P
   Single Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582 Datasheet
190Kb / 22P
   Single Channel Hot Swap Controllers
logo
Microchip Technology
MIC2582 MICROCHIP-MIC2582 Datasheet
2Mb / 32P
   Single-Channel Hot Swap Controllers
02/28/20
logo
Micrel Semiconductor
MIC2582 MICREL-MIC2582_14 Datasheet
1Mb / 27P
   Single-Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582_09 Datasheet
831Kb / 25P
   Single Channel Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com