Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTC6651 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # UTC6651
Description  MOTOR SPEED CONTROL CIRCUIT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UTC6651 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UTC6651 Datasheet HTML 1Page - List of Unclassifed Manufacturers UTC6651 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UTC6651
LINEAR INTEGRATED CIRCUIT
YOUW ANG ELECTRONICS CO.LTD
2
ABSOLUTE MAXIMUM RATINGS(Ta=25°C)
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
14.4
V
Supply Current(note 1)
Icc
2000
mA
Power Dissipation(note 2)
PD
1300
mW
Operating Temperature
Topr
-20 ~ +75
°C
Storage Temperature
Tstg
-40 ~ +150
°C
NOTE:1.Ta=25
°C,with a 10x10 mm bakelite PCB(3.5µm Cu leaf)
2. Test time < 5seconds.
ELECTRICAL CHARACTERISTICS(Ta=25°C,unless otherwise specified)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Units
Reference Voltage
VREF
VCC=6V
Ra=1k
0.85
1.0
1.15
V
Bias Current
IBias
Vcc=6V
0.8
1.8
mA
Current Proportional Constant
K
Vcc=6V,DI4=40mA
35
40
45
Saturation Voltage
VSAT
VCC=4.2V,Ra=5.0
1.15
2
V
Voltage Characteristics 1
∆V REF
VREF
Vcc
VCC=3.5V~14.0V,Ra=1k
-0.1
%/V
Voltage Characteristics 2
∆K
K
Vcc
VCC=3.5V~14.0V,DI4=40mA
0.2
%/V
Current Characteristics 1
∆V REF
VREF
I4
I4=50mA~200mA
-0.02
%/mA
Current Characteristics 2
∆K
K
I4
I4=50mA~200mA
-0.01
%/mA
Temperature Characteristics 1
∆V REF
VREF
Ta
TA=-20~+75
°C VCC=6.0V
Ra=1k
0.01
%/
°C
Temperature Characteristics 2
∆K
K
Ta
TA=-20~+75
°C VCC=6.0V
DI4=40mA
0.01
%/
°C
CHARACTERISTICS CURVE
APPLICATION CIRCUIT
M
22
µH
10
µF
Ea
Ra
180
Rs
3
1
2
4
UTC6651
Vcc
Motor Constant:
Ka-- Electromotive force constant=1.1mV/rpm
Ra-- Internal Resistor=5
KT=Torque Constant=100g.cm/A
Ambient Temperature,Ta( )
k
2.0
0
0.4
0.8
1.2
1.6
-20
20
60
100
140
180
(1)
(2)
(1) With a 10x10mm blakelite
PCB(35
µm Cu leaf)
(2) Without heat sink
Power Dissipation Vs. Temperature
RT
Micro
Motor


Similar Part No. - UTC6651

ManufacturerPart #DatasheetDescription
logo
Hangzhou Youwang Electr...
UTC6651 YOUWANG-UTC6651 Datasheet
64Kb / 2P
   MOTOR SPEED CONTROL CIRCUIT
More results

Similar Description - UTC6651

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
AN6650 UTC-AN6650_05 Datasheet
85Kb / 4P
   MOTOR SPEED CONTROL CIRCUIT
AN6650 UTC-AN6650_10 Datasheet
139Kb / 5P
   MOTOR SPEED CONTROL CIRCUIT
UTCAN6650 UTC-UTCAN6650 Datasheet
31Kb / 3P
   MOTOR SPEED CONTROL CIRCUIT
AN6651 UTC-AN6651_08 Datasheet
174Kb / 5P
   MOTOR SPEED CONTROL CIRCUIT
UTCAN6651 UTC-UTCAN6651 Datasheet
86Kb / 3P
   MOTOR SPEED CONTROL CIRCUIT
logo
Linear Integrated Syste...
UTC6650 LINEAR-UTC6650 Datasheet
109Kb / 4P
   MOTOR SPEED CONTROL CIRCUIT
logo
Unisonic Technologies
AN6651 UTC-AN6651_15 Datasheet
174Kb / 5P
   MOTOR SPEED CONTROL CIRCUIT
logo
List of Unclassifed Man...
D6650 ETC-D6650 Datasheet
118Kb / 4P
   MOTOR SPEED CONTROL CIRCUIT
logo
Hangzhou Youwang Electr...
UTC6651 YOUWANG-UTC6651 Datasheet
64Kb / 2P
   MOTOR SPEED CONTROL CIRCUIT
logo
Unisonic Technologies
AN6650 UTC-AN6650_15 Datasheet
211Kb / 5P
   MOTOR SPEED CONTROL CIRCUIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com