Electronic Components Datasheet Search |
|
TPS2340APFPG4 Datasheet(PDF) 11 Page - Texas Instruments |
|
TPS2340APFPG4 Datasheet(HTML) 11 Page - Texas Instruments |
11 / 27 page TPS2340A SLUS528A – MARCH 2002 – REVISED AUGUST 2002 11 www.ti.com APPLICATION INFORMATION Figure 1 shows three TPS2340A devices cascaded in a system to control six PCI or PCI–X hot-plug slots. A hot-plug controller communicates with three TPS2340A devices over a nine-signal serial bus. Three signals are used to gather status information from the slots, and six signals are used to control the slots. In this bus, seven of the nine signals are connected in parallel. The remaining signals facilitate a cascaded bus and are comprised of the signal pair SIDI/SIDO and SODI/SODO. The SIDO signal drives the PCI hot-plug controller serial input data pin or the SIDI pin of another up–stream TPS2340. The SODI signal is driven by the PCI hot-plug controller and is cascaded down to the next TPS2340A via the SODO signal. The SIDO and SODO outputs are dual-function pins that also serve as mode-select pins upon the rising edge of PGOOD. See Digital Circuits section for more details. UDG–01015 U1 PCI HOT–PLUG CONTROLLER SERIAL/PARALLEL CONVERTER SOLC SOLRC SOR SORR SIC SIL ANALOG CONTROL ANALOG CONTROL PCIXCAP1A PCIXCAP2A OUTPUTS INPUTS OUTPUTS INPUTS PGOOD PMEO TEST PWR_GOOD PME SWA PRTSNT2A PRTSNT1A BUTTONA M66ENA PWRLEDA ATTLEDA BUSENA CLKENA RESETA SLOT A SWB PRTSNT2B PRTSNT1B BUTTONB M66ENB PWRLEDB ATTLEDB BUSENB CLKENB RESETB SLOT B SOD SID SIDO/MODE0 SODI SOD1 SID1 SIDI SODO/MODE1 FaultA AuxfltA PwrenA FaultB AuxfltB PwrenB PCIXCAP1A PCIXCAP2A U2 ANALOG I/O PMEB PCIXCAPB PMEA PCIXCAPA U3 U4 SOD2 SID2 SOD3 SID3 SLOTS C AND D SLOTS E AND F Figure 1. Hot-Plug System Block Diagram analog circuits power controller The functional block diagram shows the TPS2340A with detailed information on the analog functions. For clarity, circuits for only one slot are shown in detail. 3.3-V auxiliary supply (3.3-Vaux) support In today’s hot-plug systems, a 3.3Vaux rail remains live while the system power is shut down to allow implementation of the PCI Power Management Specification, version 1.1. The TPS2340A provides a 3.3-Vaux input pin that is monitored for undervoltage and generates a 3.3-Vaux supply pin for each hot-plug slot that is monitored for overcurrent. These supply pins are switched by the slot-specific SWx slot switch inputs. When the slot switch is opened, the slot-specific 3.3-Vaux supply is disabled to allow safe removal of the adapter card. When the slot switch is closed (SWx grounded), the slot-specific 3.3-Vaux supply is restored. |
Similar Part No. - TPS2340APFPG4 |
|
Similar Description - TPS2340APFPG4 |