Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8K22 Datasheet(PDF) 2 Page - Rohm

Part # SP8K22
Description  Switching (45V, 4.5A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8K22 Datasheet(HTML) 2 Page - Rohm

  SP8K22 Datasheet HTML 1Page - Rohm SP8K22 Datasheet HTML 2Page - Rohm SP8K22 Datasheet HTML 3Page - Rohm SP8K22 Datasheet HTML 4Page - Rohm SP8K22 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SP8K22
Transistor
2/4
Symbol
Min.
Typ.
Max.
Unit
IGSS
--
10
µA
V(BR)DSS
45
--
V
IDSS
--
1
µA
VGS(th)
1.0
2.5
V
33
46
41
57
46
64
|Yfs|
*
3.5
--
S
Ciss
550
Coss
140
Crss
70
td(on)
*
12
tr
*
18
td(off)
*
42
tf
*
12
Qg
*
6.8
9.6
Qgs
*
2.0
Qgd
*
2.9
Drain-source breakdown voltage
Parameter
VDS=45V/VGS=0V
ID=1mA/VGS=0V
VGS=20V/VDS=0V
Condition
ID=4.5A/VGS=4.5V
ID=4.5A/VGS=10V
VDS=10V/ID=1mA
VDD=25V/ID=4.5A
VGS=5V
RL=5.6Ω/RG=10Ω
ID=4.5A/VGS=4.0V
VDS=10V/ID=4.5A
VDS=10V
VGS=0V
f=1MHz
VDD=25V
ID=2.5A
VGS=10V
RL=10Ω/RG=10Ω
RDS(on) *
m
pF
ns
urn-on delay time
se time
tal gate charge
urn-off delay time
ll time
te-source charge
te-drain charge
ulsed
ro gate voltage drain current
ate threshold voltage
tatic drain-source on-state
esistance
rward transfer admittance
nput capacitance
utput capacitance
everce transfer capacitance
nC
ate-source leakage
T
Ri
To
T
Fa
Ga
Ga
* p
Ze
G
S
r
Fo
I
O
R
G
Symbol
Min.
Typ.
Max.
Unit
VSD
*
--
1.2
V
* pulsed
Parameter
Condition
rward voltage
IS=4.5A/VGS=0V
Fo
Electrical characteristics (Ta=25
°C)
It is the same characteristics for the Tr. 1 and Tr. 2.
Body diode characteristics (Source-Drain)
It is the same characteristics for the Tr. 1 and Tr. 2.


Similar Part No. - SP8K22

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SP8K22-TB VBSEMI-SP8K22-TB Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Rohm
SP8K22FRA ROHM-SP8K22FRA Datasheet
2Mb / 15P
   45V NchNch Power MOSFET
logo
VBsemi Electronics Co.,...
SP8K22FU6TB VBSEMI-SP8K22FU6TB Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
SP8K22FU7TB VBSEMI-SP8K22FU7TB Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - SP8K22

ManufacturerPart #DatasheetDescription
logo
Rohm
RSD046P05FRA ROHM-RSD046P05FRA Datasheet
596Kb / 16P
   Pch 45V 4.5A Power MOSFET
RD3H045SP ROHM-RD3H045SP Datasheet
2Mb / 16P
   Pch -45V -4.5A Power MOSFET
RD3H045SPFRA ROHM-RD3H045SPFRA Datasheet
2Mb / 15P
   Pch -45V -4.5A Power MOSFET
RSD046P05 ROHM-RSD046P05 Datasheet
722Kb / 13P
   Pch 45V 4.5A Power MOSFET
RTQ045N03 ROHM-RTQ045N03 Datasheet
130Kb / 4P
   Switching (30V, 4.5A)
SP8J2TB ROHM-SP8J2TB Datasheet
71Kb / 5P
   Switching (.30V, .4.5A)
SP8K24 ROHM-SP8K24 Datasheet
151Kb / 5P
   Switching (45V, 6.0A)
RSS070N05 ROHM-RSS070N05 Datasheet
149Kb / 5P
   Switching (45V, 7.0A)
logo
Linear Technology
LT1959 LINER-LT1959_15 Datasheet
303Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1506 LINER-LT1506_15 Datasheet
305Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com