Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z2802R5S Datasheet(PDF) 4 Page - International Rectifier

Part # Z2802R5S
Description  LOW VOLTAGE HIGH EFFICIENCY RADIATION HARDENED DC/DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

Z2802R5S Datasheet(HTML) 4 Page - International Rectifier

  Z2802R5S Datasheet HTML 1Page - International Rectifier Z2802R5S Datasheet HTML 2Page - International Rectifier Z2802R5S Datasheet HTML 3Page - International Rectifier Z2802R5S Datasheet HTML 4Page - International Rectifier Z2802R5S Datasheet HTML 5Page - International Rectifier Z2802R5S Datasheet HTML 6Page - International Rectifier Z2802R5S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
www.irf.com
Z-SERIES
Electrical Characteristics (Continued) -40°C ≤ TBASE ≤ +85°C, VIN=28 VDC ±5%, C
L=0, unless
otherwise specified.
Notes to Specifications
1.
Some parameters are not directly measured but are verified as part of another test
2.
Measurement guaranteed for a bandwidth of 20 MHz. Tested with a bandwidth of 20KHz to 2MHz.
3.
Regulation measured for all combinations of line and load conditions shown. Worst limit is presented for
each parameter.
Parameter
Group A
Subgroups
Test
Conditions
Min
Nom
Max
Unit
Input Current
No Load
Inhibited
1, 2, 3
1, 2, 3
Iout=0, Inhibit =open
Inhibit shorted to input return
5
500
14
mA
mA
Input Ripple Current2
1, 2, 3
Vin = 18, 28, 40 Volts, 100%
load, BW = 20 Hz to 2 MHz
50
mAPP
Efficiency
Z2801R5S
Z2802R5S
Z2803R3S
Z2801R5S
Z2802R5S
Z2803R3S
1
1
1
2, 3
2, 3
2, 3
100% load
79
83
85
78
82
84
80
85
88
%
%
%
%
%
%
Isolation
1
Input to output or any pin to
case (except case ground pin)
at 500Vdc
100
MΩ
Capacitive Load
4
No effect on DC performance
2000
µF
Short Circuit Power Dissipation
1, 2, 3
19
w
Switching Frequency
4, 5, 6
100% load
225
250
275
KHz
Sync Frrequency Range
4, 5, 6
100% load
225
300
KHz
Turn-on Characteristics
Delay
Overshoot
1, 2, 3
1, 2, 3
30
10
mS
%
MTBF
MIL-HDBK-217F, N2
SF @ TB = 35ºC
3.96
Mhrs
Weight
200
g


Similar Part No. - Z2802R5S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
Z2802R5S IRF-Z2802R5S Datasheet
78Kb / 7P
   28V Input, Single Output
Z2802R5S/EM IRF-Z2802R5S/EM Datasheet
78Kb / 7P
   28V Input, Single Output
More results

Similar Description - Z2802R5S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GH2803R3SCKX IRF-GH2803R3SCKX Datasheet
197Kb / 9P
   HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
GH2801S IRF-GH2801S Datasheet
397Kb / 10P
   HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
M3G2803R305R4T IRF-M3G2803R305R4T Datasheet
146Kb / 9P
   HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ML1000605D IRF-ML1000605D Datasheet
875Kb / 17P
   HIGH RELIABILITY RADIATION HARDENED LOW POWER DC-DC CONVERTER
logo
Infineon Technologies A...
M3H280515T INFINEON-M3H280515T Datasheet
289Kb / 9P
   HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
2016-04-19
logo
International Rectifier
ART2800T IRF-ART2800T Datasheet
231Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S Datasheet
182Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com