Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5456ETE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5456ETE
Description  Stereo Audio Taper Potentiometers with Pushbutton Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5456ETE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5456ETE Datasheet HTML 2Page - Maxim Integrated Products MAX5456ETE Datasheet HTML 3Page - Maxim Integrated Products MAX5456ETE Datasheet HTML 4Page - Maxim Integrated Products MAX5456ETE Datasheet HTML 5Page - Maxim Integrated Products MAX5456ETE Datasheet HTML 6Page - Maxim Integrated Products MAX5456ETE Datasheet HTML 7Page - Maxim Integrated Products MAX5456ETE Datasheet HTML 8Page - Maxim Integrated Products MAX5456ETE Datasheet HTML 9Page - Maxim Integrated Products MAX5456ETE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Stereo Audio Taper Potentiometers
with Pushbutton Interface
6
_______________________________________________________________________________________
Pin Description
PIN
MAX5457
MAX5456
TQFN
QSOP
TQFN
QSOP
NAME
FUNCTION
13
MODE
Volume/Balance Control. Each transition from high to low toggles between volume
and balance modes. MODE is pulled high internally with a 50k
Ω resistor to VLOGIC.
On power-up, the MAX5457 is in volume-control mode.
24
MODE_IND
Volume-Control/Balance-Control Mode Indicator Open-Drain Output. Connect to
an LED through a resistor to VLOGIC. When the LED is on, the MAX5457 is in
balance-control mode. When the LED is off, the MAX5457 is in volume-control
mode. See the Mode Indicator, MODE_IND section for more detail.
3
535
H0
Potentiometer 0 High Terminal. H0 and L0 terminals can be reversed.
4
646
L0
Potentiometer 0 Low Terminal. L0 and H0 terminals can be reversed.
5
757
W0
Potentiometer 0 Wiper Terminal
6
868
SHDN
Active-Low Shutdown Input. In shutdown mode, the MAX5456/MAX5457 store the
last wiper settings. The wipers move to the L end of the resistor string, and the H
end of the resistor string disconnects from the signal input. Terminating shutdown
mode restores the wipers to their previous settings.
7
979
MUTE
Mute Input. When MUTE is low, the wiper goes to the highest attenuation setting
(see Table 1). MUTE is internally pulled up with 50k
Ω to VLOGIC.
8108
10
W1
Potentiometer 1 Wiper Terminal
9119
11
L1
Potentiometer 1 Low Terminal. L1 and H1 terminals can be reversed.
10
12
10
12
H1
Potentiometer 1 High Terminal. H1 and L1 terminals can be reversed.
11
13
11
13
VSS
Negative Power Supply. Bypass with 0.1µF to ground.
12
14
12
14
GND
Ground
13
15
13
15
VLOGIC
Digital Logic Power Supply. Bypass with 0.1µF to ground.
14
16
14
16
VDD
Analog Power Supply. Bypass with 0.1µF to ground.
15
1
DN/BAL0
Downward Volume/Channel 0 Balance-Control Input. In volume mode, pressing
DN/BAL0 moves both wipers towards the L terminals. In balance mode, pressing
DN/BAL0 moves the balance towards channel 0. DN/BAL0 is internally pulled up
with 50k
Ω to VLOGIC.
16
2
UP/BAL1
Upward Volume/Channel 1 Balance-Control Input. In volume mode, pressing
UP/BAL1 moves both wipers towards the H terminals. In balance mode, pressing
UP/BAL1 moves the balance towards channel 1. UP/BAL1 is internally pulled up
with 50k
Ω to VLOGIC.
——
1
3
BAL1
Channel 1 Balance-Control Input. Pressing BAL1 moves the balance towards
channel 1. BAL1 is internally pulled up with 50k
Ω to VLOGIC.
——
2
4
BAL0
Channel 0 Balance-Control Input. Pressing BAL0 moves the balance towards
channel 0. BAL0 is internally pulled up with 50k
Ω to VLOGIC.
——
15
1
VOLDN
Downward Volume-Control Input. Pressing VOLDN moves both wipers towards
the L terminals. VOLDN is internally pulled up with 50k
Ω to VLOGIC.
——
16
2
VOLUP
Upward Volume-Control Input. Pressing VOLUP moves both wipers towards the
H terminals. VOLUP is internally pulled up with 50k
Ω to VLOGIC.


Similar Part No. - MAX5456ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX545 MAXIM-MAX545 Datasheet
265Kb / 12P
   5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
MAX5450 MAXIM-MAX5450 Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
MAX5450-MAX5455 MAXIM-MAX5450-MAX5455 Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
MAX5450EUB MAXIM-MAX5450EUB Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
MAX5451 MAXIM-MAX5451 Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
More results

Similar Description - MAX5456ETE

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1802 DALLAS-DS1802 Datasheet
291Kb / 17P
   Dual Audio Taper Potentiometer With Pushbutton Control
logo
Maxim Integrated Produc...
DS1802 MAXIM-DS1802 Datasheet
819Kb / 17P
   Dual Audio Taper Potentiometer With Pushbutton Control
051401
MAX5408 MAXIM-MAX5408 Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
MAX5406 MAXIM-MAX5406 Datasheet
501Kb / 26P
   Audio Processor with Pushbutton Interface
Rev 0; 5/06
MAX5486 MAXIM-MAX5486 Datasheet
221Kb / 16P
   Stereo Volume Control with Pushbutton Interface
Rev 0; 11/06
MAX5406 MAXIM-MAX5406_V01 Datasheet
2Mb / 25P
   Audio Processor with Pushbutton Interface
19-3817; Rev 1; 4/14
MAX5486 MAXIM-MAX5486_V01 Datasheet
1Mb / 16P
   Stereo Volume Control with Pushbutton Interface
19-0672; Rev 1; 4/14
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
logo
NXP Semiconductors
UDA1355H PHILIPS-UDA1355H Datasheet
315Kb / 76P
   Stereo audio codec with SPDIF interface
2003 Apr 10
logo
Maxim Integrated Produc...
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com