Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3214A-40U6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UPSD3214A-40U6
Description  Flash Programmable System Device with 8032 Microcontroller Core
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3214A-40U6 Datasheet(HTML) 7 Page - STMicroelectronics

  UPSD3214A-40U6 Datasheet HTML 1Page - STMicroelectronics UPSD3214A-40U6 Datasheet HTML 2Page - STMicroelectronics UPSD3214A-40U6 Datasheet HTML 3Page - STMicroelectronics UPSD3214A-40U6 Datasheet HTML 4Page - STMicroelectronics UPSD3214A-40U6 Datasheet HTML 5Page - STMicroelectronics UPSD3214A-40U6 Datasheet HTML 6Page - STMicroelectronics UPSD3214A-40U6 Datasheet HTML 7Page - STMicroelectronics UPSD3214A-40U6 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7/8
µPSD3200 FAMILY
PART NUMBERING
Table 2. Ordering Information Scheme
For a list of available options (speed, package,
etc.) or for further information on any aspect of this
device, please contact your nearest ST Sales Of-
fice.
Example:
uPSD 3
2
3
4
B
V
– 24 U
6
T
Device Type
uPSD = Microcontroller PSD
Family
3 = 8032 core
PLD Size
2 = 16 Macrocells
3 = 32 Macrocells
SRAM Size
1 = 16 Kbit
3 = 64 Kbit
5 = 256 Kbit
Main Flash Memory Size
3 = 1 Mbit
4 = 2 Mbit
5 = 4 Mbit
IP Mix
A = USB, I2C, PWM, DDC, ADC, (2) UARTs
Supervisor (Reset Out, Reset In, LVD, WD)
B= I2C, PWM, DDC, ADC, (2) UARTs
Supervisor (Reset Out, Reset In, LVD, WD)
Operating Voltage
blank = VCC = 4.5 to 5.5V
V= VCC = 3.0 to 3.6V
Speed
24 = 24 MHz
40 = 40 MHz
Package
T = 52-pin TQFP
U = 80-pin TQFP
Temperature Range
1= 0to 70
°C (commercial)
6 = –40 to 85
°C (industrial)
Optio n
T = Tape & Reel Packing


Similar Part No. - UPSD3214A-40U6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3214A-40U6T STMICROELECTRONICS-UPSD3214A-40U6T Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
More results

Similar Description - UPSD3214A-40U6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3234A STMICROELECTRONICS-UPSD3234A Datasheet
1Mb / 170P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3254A STMICROELECTRONICS-UPSD3254A Datasheet
1Mb / 175P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD325X STMICROELECTRONICS-UPSD325X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
UPSD323X STMICROELECTRONICS-UPSD323X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
UPSD3212C STMICROELECTRONICS-UPSD3212C Datasheet
1Mb / 152P
   Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
UPSD3253 STMICROELECTRONICS-UPSD3253 Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
November 2002
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
   Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
logo
ATMEL Corporation
ATMEGA32L ATMEL-ATMEGA32L_14 Datasheet
5Mb / 346P
   Microcontroller with 32KBytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128 Datasheet
481Kb / 24P
   Microcontroller with 128KBytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com