Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD601A Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SD601A
Description  Silicon PNP epitaxial planer type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD601A Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD601A Datasheet HTML 1Page - Panasonic Semiconductor 2SD601A Datasheet HTML 2Page - Panasonic Semiconductor 2SD601A Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Transistor
2SB709A
0
160
40
120
80
140
20
100
60
0
240
200
160
120
80
40
Ambient temperature Ta (˚C)
0
–12
–10
–8
–2
–6
–4
0
–120
–100
–80
–60
–40
–20
Ta=25˚C
–250
µA
–200
µA
–150
µA
–100
µA
–50
µA
I
B=–300µA
Collector to emitter voltage V
CE
(V)
0
–450
–150
–300
0
–60
–50
–40
–30
–20
–10
V
CE=–5V
Ta=25˚C
Base current I
B
(
µA)
0
–1.8
– 0.6
–1.2
0
–400
–300
–100
–250
–350
–200
–50
–150
V
CE=–5V
Ta=25˚C
Base to emitter voltage V
BE
(V)
0
–2.0
–1.6
– 0.4
–1.2
– 0.8
0
–240
–200
–160
–120
–80
–40
V
CE=–5V
Ta=75˚C
–25˚C
25˚C
Base to emitter voltage V
BE
(V)
–1
–10
–100
–1000
–3
–30
–300
– 0.001
– 0.003
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
I
C/IB=10
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(mA)
–1
–10
–100
–1000
–3
–30
–300
0
600
500
400
300
200
100
V
CE=–10V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(mA)
0.1
1
10
100
0.3
3
30
0
160
120
40
100
140
80
20
60
V
CB=–10V
Ta=25˚C
Emitter current I
E
(mA)
–1
–3
–10
–30
–100
0
8
6
2
5
7
4
1
3
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)
PC — Ta
IC — VCE
IC — IB
IB — VBE
IC — VBE
VCE(sat) — IC
hFE — IC
fT — IE
Cob — VCB


Similar Part No. - 2SD601A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD601A PANASONIC-2SD601A Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type
2SD601A PANASONIC-2SD601A Datasheet
208Kb / 5P
   Si NPN DIFFUSED JUNCTION MESA
logo
Guangdong Kexin Industr...
2SD601A KEXIN-2SD601A Datasheet
38Kb / 1P
   Silicon NPN Epitaxial Planer Type
logo
SeCoS Halbleitertechnol...
2SD601A SECOS-2SD601A Datasheet
174Kb / 1P
   NPN Plastic-Encapsulate Transistor
2SD601A SECOS-2SD601A Datasheet
58Kb / 1P
   NPN Plastic-Encapsulate Transistor
More results

Similar Description - 2SD601A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
   Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SC5609 PANASONIC-2SC5609 Datasheet
45Kb / 1P
   Silicon PNP epitaxial planer type
2SA1254 PANASONIC-2SA1254 Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type
2SA1309A PANASONIC-2SA1309A Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type
2SA1512 PANASONIC-2SA1512 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type
2SA1531 PANASONIC-2SA1531 Datasheet
50Kb / 3P
   Silicon PNP epitaxial planer type
2SA1534 PANASONIC-2SA1534 Datasheet
47Kb / 3P
   Silicon PNP epitaxial planer type
2SA1739 PANASONIC-2SA1739 Datasheet
40Kb / 2P
   Silicon PNP epitaxial planer type
2SA1982 PANASONIC-2SA1982 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type
2SA2009 PANASONIC-2SA2009 Datasheet
43Kb / 1P
   Silicon PNP epitaxial planer type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com