Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL2533N Datasheet(PDF) 4 Page - Integral Corp.

Part # IL2533N
Description  MULTISTANDARD CMOS IC OF SINGLE CHIP PHONE WITH DOUBLE SOFT LIMITATION
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL2533N Datasheet(HTML) 4 Page - Integral Corp.

  IL2533N Datasheet HTML 1Page - Integral Corp. IL2533N Datasheet HTML 2Page - Integral Corp. IL2533N Datasheet HTML 3Page - Integral Corp. IL2533N Datasheet HTML 4Page - Integral Corp. IL2533N Datasheet HTML 5Page - Integral Corp. IL2533N Datasheet HTML 6Page - Integral Corp. IL2533N Datasheet HTML 7Page - Integral Corp. IL2533N Datasheet HTML 8Page - Integral Corp. IL2533N Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
IL2533
Table 1 continued
Pin
No
Pin letter
symbol
Function
17
R4
18
R3
19
R2
20
R1
Keyboard line.
(see keyboard scheme at figure 3)
21
FCI
Frequency comparator input.
Schmitt flip-flop input for ring frequency determination
22
LED
LED output driver.
Output for LED control, blinking in “Program / Mute ”state
23
24
M1
M2
Microphone outputs
Differential inputs for microphone (electret type)
25
CS
Input of current shunting control.
Given N-channel output with open drain controls outer shunting high capacity
transistor for modulation of line voltage and for line shorting during period of
pulse number dialing
26
VSS
Negative supply connection
27
LI
Line input.
Input is used for power abstraction and (adjusting) of line current
28
RI
Receipt input.
Input for signal received
*Note – LD – pulse number dialing;
*MF – frequency number dialing;
*DTMF – two-frequency dialing (often case of frequence dialing)
Function selection (general table)
Function
Straight memory (single key)
4
Indirect memory (two key)
10
Redialing
yes
LNR key
yes
Insert by LNR pause key
yes
Pause key PS
yes
Р/М key or МТ
Р/М
Tone/Pulse key (Т/Р)
yes
Temporary MF key "
∗"
yes
Automatic setup key (А – D)
yes
Volumes keys (VOL, "-/+")
yes
Volume reset by off-hook
yes
Tone ring programming
yes
Pause duration “flash” R3
600m
4


Similar Part No. - IL2533N

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL2533A IKSEMICON-IL2533A Datasheet
1Mb / 27P
   Controlling of received signal volume
More results

Similar Description - IL2533N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TCA3386 MOTOROLA-TCA3386 Datasheet
48Kb / 1P
   Single chip feature phone IC
logo
ams AG
AS2533 AMSCO-AS2533 Datasheet
270Kb / 25P
   Multi-Standard CMOS Single Chip Telephone IC with Dual Soft Clipping
logo
NXP Semiconductors
PCA1070 PHILIPS-PCA1070 Datasheet
180Kb / 36P
   Multistandard programmable analog CMOS transmission IC
1997 Jun 20
logo
ams AG
AS2525 AMSCO-AS2525_1 Datasheet
461Kb / 27P
   Single-Chip Handsfree Phone CMOS Integrated Circuit
AS2525 AMSCO-AS2525 Datasheet
264Kb / 26P
   Single-Chip Handsfree Phone CMOS Integrated Circuit
AS2525B AMSCO-AS2525B Datasheet
836Kb / 28P
   Single-Chip Handsfree Phone CMOS Integrated Circuit
logo
Infineon Technologies A...
PSB21653E INFINEON-PSB21653E Datasheet
758Kb / 2P
   Single-chip IP Phone with Internal GbESwitch
logo
Aplus Intergrated Circu...
AVXX32A APLUS-AVXX32A Datasheet
392Kb / 13P
   single-chip voice synthesizing CMOS IC
AVXX08 APLUS-AVXX08 Datasheet
443Kb / 10P
   single-chip voice synthesizing CMOS IC
AVXX16K APLUS-AVXX16K Datasheet
364Kb / 10P
   single-chip voice synthesizing CMOS IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com