Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL9151-3N Datasheet(PDF) 3 Page - Integral Corp.

Part # IL9151-3N
Description  PULSE DIALER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL9151-3N Datasheet(HTML) 3 Page - Integral Corp.

  IL9151-3N Datasheet HTML 1Page - Integral Corp. IL9151-3N Datasheet HTML 2Page - Integral Corp. IL9151-3N Datasheet HTML 3Page - Integral Corp. IL9151-3N Datasheet HTML 4Page - Integral Corp. IL9151-3N Datasheet HTML 5Page - Integral Corp. IL9151-3N Datasheet HTML 6Page - Integral Corp. IL9151-3N Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IL9151-3
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.3 to +5.5
V
VIN
DC Input Voltage (Referenced to GND)
-0.3 to VCC +0.3
V
PD
Power Dissipation in Still Air , Plastic DIP
**
600
mW
Tstg
Storage Temperature
-55 to +150
°C
TL
Lead Temperature, 1mm from case for 10 seconds
260
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
** Durating: -10 mW/°
C from 65°C to 70°C.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
5.5
V
VIN
DC Input Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature
-10
+70
°C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or
VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND, VCC = 2.0 V to5.5 V,
TA = -20 to +70°C)
Guaranteed Limits
Symbol
Parameter
Test Conditions
Min
Max
Unit
IMR
Maximum Memory
Retention Current
VCC=1.0 V,
HK=VCC ,all outputs unloaded
1
µA
ICC
Maximum Supply
Operating Current
oscillator running, all outputs
unloaded
200
µA
ISB
Maximum Standby
Current
all outputs unload
HK=VCC
4
µA
IOL
Minimum Output Sink
Current (Mute, DP)
VCC=2.0V, VOUT=0.5V,
f=18KHz
2
mA
IOH
Minimum Output Drive
Current (Mute)
VCC=2.0V,
VOUT=VCC-1V, f=18KHz
1
mA
VIL
Min High-Level Input
Voltage
0.8VCC
VCC
VCC
VIL
Max Low-Level Input
Voltage
GND
0.2VCC
IIN
Max. Input Leakage
Current
VCC=5.5V
±1.0
µA


Similar Part No. - IL9151-3N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL91531 ETC-IL91531 Datasheet
39Kb / 3P
   PARALLEL INPUT TONE/PULSE DIALER HIGH-PERFORMANCE SILICON-GATE CMOS
More results

Similar Description - IL9151-3N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S2560G ETC1-S2560G Datasheet
129Kb / 2P
   Pulse Dialer
logo
UMC Corporation
UM9151 UMC-UM9151 Datasheet
297Kb / 5P
   PULSE DIALER
logo
KODENSHI_AUK CORP.
KK9151-3 KODENSHI-KK9151-3 Datasheet
286Kb / 7P
   PULSE DIALER
logo
UMC Corporation
UM91210C UMC-UM91210C Datasheet
877Kb / 14P
   TONE/PULSE DIALER
logo
List of Unclassifed Man...
NT91214 ETC1-NT91214 Datasheet
212Kb / 23P
   Tone/Pulse Dialer
logo
UMC Corporation
UM91214 UMC-UM91214 Datasheet
817Kb / 13P
   Tone / Pulse Dialer
logo
Integral Corp.
IL5851 INTEGRAL-IL5851 Datasheet
288Kb / 7P
   PULSE DIALER WITH REDIAL
logo
Sharp Corporation
LR40993 SHARP-LR40993 Datasheet
381Kb / 7P
   Pulse Dialer CMOS LSI
logo
UMC Corporation
UM91611 UMC-UM91611 Datasheet
276Kb / 5P
   10 Memory Pulse Dialer
logo
Sanyo Semicon Device
LC7364J SANYO-LC7364J Datasheet
275Kb / 12P
   DTMF/PULSE Switchable Dialer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com