Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILA1062 Datasheet(PDF) 5 Page - Integral Corp.

Part # ILA1062
Description  TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

ILA1062 Datasheet(HTML) 5 Page - Integral Corp.

  ILA1062 Datasheet HTML 1Page - Integral Corp. ILA1062 Datasheet HTML 2Page - Integral Corp. ILA1062 Datasheet HTML 3Page - Integral Corp. ILA1062 Datasheet HTML 4Page - Integral Corp. ILA1062 Datasheet HTML 5Page - Integral Corp. ILA1062 Datasheet HTML 6Page - Integral Corp. ILA1062 Datasheet HTML 7Page - Integral Corp. ILA1062 Datasheet HTML 8Page - Integral Corp. ILA1062 Datasheet HTML 9Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ILA1062/ILA1062A
5
Zbal =
R8
R1
x Zline = k x Zline
Where k is scale factor; k =
R8
R1
The scale factor k, dependent on the value of R8, is chosen to meet the following criteria:
·
compatibility with a standard capacitor from the E6 or
E12 range for Zbal
· |
Zbal//R8|<<R8 fulfilling condition (a) and thus
ensuring correct
anti-sidetone bridge operation
· |
Zbal + R8|>>R9 to avoid influencing the transmit gain.
In practise Zline varies considerably with the line type and length. The value chosen for Zbal should therefore
be for an average line thus giving optimum setting for short or long lines.
ABSOLUTE MAXIMUM RATING
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Positive Continuous Line
Voltage
VLN
12
V
Repetitive Line Voltage During
Switch-on or Line Interruption
VLN(R)
13.2
V
Repetitive Peak Line Voltage
for a 1ms Pulse per 5s
VLN(RM)
R9 = 20W; R10 = 13W;
see Fig.6
28
V
Line Current
Iline
R9 = 20W; note 1
140
mA
Input Voltage on all other Pins
VI
-0.7
VCC+0.7
V
Total
Power
Standard DIP
Ptot
R9 = 20W; note 2
0.58
W
Dissipation
DIP with heatsink
0.67
Operating Ambient
Temperature
TA
-25
+75
oC
Storage Temperature
Tstg
-40
+125
oC
Junction Temperature
Tj
+125
oC
Notes
1. Mostly dependent on the maximum required TA and on the voltage between LN and SLPE.
2. Calculated for the maximum ambient temperature specified and a maximum junction temperature of
125
oC.
(Thermal Resistance RJA = 85
oC/W for standard DIP and R
JA = 75
oC/W for special DIP with heatsink).
(1) TA=45oC; Ptot=0.94W
(2) TA=55oC; Ptot=0.82W
(3) TA=65oC; Ptot=0.71W
(4) TA=75oC; Ptot=0.58W
2
30
46
8
10
12
70
90
50
110
130
150
V - V
(V)
LN
SLPE
I (mA)
LN
(1)
(2)
(3)
(4)
(1) TA=45oC; Ptot=1.07W
(2) TA = 55oC; Ptot=0.93W
(3) TA=65oC; Ptot=0.80 W
(4) TA=75oC; Ptot=0.67 W
2
30
46
8
10
12
70
90
50
110
130
150
V - V
(V)
LN
SLPE
I (mA)
LN
(1)
(2)
(3)
(4)
Fig.3a Safe operating area(Standard DIP)
Fig.3b Safe operating area (DIP with HS)


Similar Part No. - ILA1062

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILA1062 IKSEMICON-ILA1062 Datasheet
239Kb / 11P
   Provides a supply for external circuits
More results

Similar Description - ILA1062

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GL6965 HYNIX-GL6965 Datasheet
340Kb / 23P
   Telephone Speech Network with Dialer Interface
logo
KODENSHI_AUK CORP.
KKA1062 KODENSHI-KKA1062 Datasheet
366Kb / 9P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
Motorola, Inc
MC34014 MOTOROLA-MC34014 Datasheet
828Kb / 17P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
KODENSHI_AUK CORP.
KK6965 KODENSHI-KK6965 Datasheet
2Mb / 24P
   Telephone Speech Network with Dialer Interface
logo
Integral Corp.
IL6965 INTEGRAL-IL6965 Datasheet
2Mb / 24P
   Telephone Speech Network with Dialer Interface
logo
Samsung semiconductor
KA8501A SAMSUNG-KA8501A Datasheet
60Kb / 4P
   SPEECH NETWORK WITH DIALER INTERFACE
S1T8501 SAMSUNG-S1T8501 Datasheet
61Kb / 6P
   SPEECH NETWORK WITH DIALER INTERFACE
KA8504 SAMSUNG-KA8504 Datasheet
55Kb / 4P
   SPEECH NETWORK WITH DIALER INTERFACE
S1T2425A SAMSUNG-S1T2425A Datasheet
77Kb / 7P
   SPEECH NETWORK WITH DIALER INTERFACE
KA2425A SAMSUNG-KA2425A Datasheet
91Kb / 6P
   SPEECH NETWORK WITH DIALER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com