Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTC339 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UTC339
Description  QUAD DIFFERENTIAL COMPARATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UTC339 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UTC339 Datasheet HTML 1Page - List of Unclassifed Manufacturers UTC339 Datasheet HTML 2Page - List of Unclassifed Manufacturers UTC339 Datasheet HTML 3Page - List of Unclassifed Manufacturers UTC339 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTC339
LINEAR INTEGRATED CIRCUIT
YOUW ANG ELECTRONICS CO.LTD
1
QUAD DIFFERENTIAL
COMPARATOR
DESCRIPTION
The UTC339 consists of four independent voltage
comparators designed specifically to operate from a
single power supply over a wide voltage range.
FEATURES
*Single or dual supply operation
*Wide operating supply range(Vcc=2V~36V)
*Input common-mode voltage includes ground
*Low supply current drain ICC=0.8mA(Typical)
*Open collector outputs for wired and connection
*Low input bias current Ibias=25nA(Typical)
*Low output saturation voltage
*Output compatible with TTL ,DTL, and CMOS logic
system
DIP-14
ABSOLUTE MAXIMUM RATINGS(Ta=25°C )
Characteristic
Symbol
Value
Unit
Supply Voltage
Vcc
±18 OR 36
V
Differential input voltage
VIDiff)
36
V
Input Voltage
VI
-0.3~36V
V
Power Dissipation
Pd
570
mW
Operating Temperature
Topr
0 to +70
°C
Storage Temperature
Tstg
-65 to 150
°C
ELECTRICAL CHARACTERISTICS
(Vcc=5.0V, Ta=25
k,All voltage referenced to GND unless otherwise specified)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Input offset voltage
VIO
VCM=0 to Vcc-1.5
Vo(p)=1.4V,Rs=0
±1.5
±5.0
mV
Input offset current
IIO
±2.3
±50
nA
Input Bias current
Ib
57
250
nA
Input Common-mode voltage
range
VI(R)
0
Vcc-
1.5
V
Supply Current
Icc
RL=
1.1
2.0
mA
Large signal Voltage Gain
GV
Vcc=15V,RL>15k
50
200
V/mV
Large signal response time
tres
Vi=TTL logic wing
Vref=1.4V,VRL=5V,RL=5.1k
350
ns
Response time
tres
VRL=5V,RL=5.1k
1400
ns
Output sink current
Isink
Vi(-)>1V,Vi(+)=0V,Vo(p)<1.5V
6
18
mA
Output saturation voltage
Vsat
Vi(-)>1V,Vi(+)=0V,Isink=4mA
140
400
mV
output leakage current
Ileakage
VI(+)=1V,VI(-)=0
20
40
mA
Differential input voltage
VI(diff)
36
V


Similar Part No. - UTC339

ManufacturerPart #DatasheetDescription
logo
Hangzhou Youwang Electr...
UTC339 YOUWANG-UTC339 Datasheet
89Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
UTC339E YOUWANG-UTC339E Datasheet
89Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
UTC339V YOUWANG-UTC339V Datasheet
89Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
More results

Similar Description - UTC339

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
UTCLM339 UTC-UTCLM339 Datasheet
42Kb / 4P
   QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM239AQDRQ1 TI-LM239AQDRQ1 Datasheet
140Kb / 6P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM339PC CYSTEKEC-LM339PC Datasheet
502Kb / 6P
   Quad Differential Comparator
logo
Texas Instruments
LM139-SP TI1-LM139-SP_14 Datasheet
214Kb / 14P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
LM239A-EP TI1-LM239A-EP_14 Datasheet
600Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_05 Datasheet
127Kb / 6P
   QUAD DIFFERENTIAL COMPARATOR
logo
Hangzhou Youwang Electr...
UTC339 YOUWANG-UTC339 Datasheet
89Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_10 Datasheet
176Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
LM339 UTC-LM339_12 Datasheet
264Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM139-SP TI1-LM139-SP Datasheet
214Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com