Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1209-06SN Datasheet(PDF) 9 Page - California Micro Devices Corp

Part # CM1209-06SN
Description  4,6 & 8 Channel ESD Protection Arrays with Zener Supply Clamp
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1209-06SN Datasheet(HTML) 9 Page - California Micro Devices Corp

  CM1209-06SN Datasheet HTML 1Page - California Micro Devices Corp CM1209-06SN Datasheet HTML 2Page - California Micro Devices Corp CM1209-06SN Datasheet HTML 3Page - California Micro Devices Corp CM1209-06SN Datasheet HTML 4Page - California Micro Devices Corp CM1209-06SN Datasheet HTML 5Page - California Micro Devices Corp CM1209-06SN Datasheet HTML 6Page - California Micro Devices Corp CM1209-06SN Datasheet HTML 7Page - California Micro Devices Corp CM1209-06SN Datasheet HTML 8Page - California Micro Devices Corp CM1209-06SN Datasheet HTML 9Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
01/09/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846
L www.calmicro.com
9
CM1209
Mechanical Details (cont’d)
SOIC-8 Mechanical Specifications
* This is an approximate number which may vary.
Package Dimensions for SOIC-8
PACKAGE DIMENSIONS
Package
SOIC
Pins
8
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D
4.80
5.00
0.189
0.197
E
3.80
4.19
0.150
0.165
e
1.27 BSC
0.050 BSC
H
5.80
6.20
0.228
0.244
L
0.40
1.27
0.016
0.050
# per tube
100 pcs*
# per tape
and reel
2500 pcs
Controlling dimension: inches
Mechanical Package Diagrams
E
D
H
12
34
87
65
L
END VIEW
C
e
B
A
A1
SEATING
PLANE
SIDE VIEW
TOP VIEW
Pin 1
Marking


Similar Part No. - CM1209-06SN

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM1200DB-34N MITSUBISHI-CM1200DB-34N Datasheet
62Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM1200DB-34N POWEREX-CM1200DB-34N Datasheet
536Kb / 6P
   Dual IGBTMOD HVIGBT Module 1200 Amperes/1700 Volts
logo
Mitsubishi Electric Sem...
CM1200DC-34N MITSUBISHI-CM1200DC-34N Datasheet
61Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM1200DC-34N POWEREX-CM1200DC-34N Datasheet
494Kb / 6P
   Dual IGBTMOD HVIGBT Module 1200 Amperes/1700 Volts
logo
Mitsubishi Electric Sem...
CM1200DC-34S MITSUBISHI-CM1200DC-34S Datasheet
518Kb / 11P
   HIGH POWER SWITCHING USE NSULATED TYPE
More results

Similar Description - CM1209-06SN

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN016 CALMIRCO-PACDN016 Datasheet
134Kb / 3P
   6 CHANNEL ESD PROTECTION ARRAY WITH ZENER SUPPLY CLAMP
PACDN017 CALMIRCO-PACDN017 Datasheet
133Kb / 3P
   18 CHANNEL ESD PROTECTION ARRAY WITH ZENER SUPPLY CLAMP
logo
ON Semiconductor
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
   8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
logo
California Micro Device...
CM1436 CALMIRCO-CM1436 Datasheet
1Mb / 13P
   4 and 8 Channel EMI Filter Arrays with ESD Protection
logo
ON Semiconductor
CM1406 ONSEMI-CM1406 Datasheet
1Mb / 14P
   4 and 8-Channel EMI Filter Arrays with ESD Protection
April 2010 Rev.2
CM1436 ONSEMI-CM1436 Datasheet
768Kb / 16P
   4- and 8-Channel EMI Filter Arrays with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CM1407 CALMIRCO-CM1407 Datasheet
1,018Kb / 12P
   4 and 8 Channel EMI Filter Arrays with ESD Protection
logo
ON Semiconductor
CM1407 ONSEMI-CM1407 Datasheet
1Mb / 14P
   4 and 8-Channel EMI Filter Arrays with ESD Protection
April 2010 Rev.2
logo
California Micro Device...
CM1208 CALMIRCO-CM1208 Datasheet
154Kb / 6P
   7 & 8-Channel High-Speed ESD Protection Arrays
PACDN1408C CALMIRCO-PACDN1408C Datasheet
747Kb / 3P
   ESD PROTECTION ARRAYS, 8 CHANNEL, CHIP SCALE PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com