Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB-B4174 Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BB-B4174
Description  BLINKING LED LAMPS(ROUND TYPES)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BB-B4174 Datasheet(HTML) 1 Page - Yellow Stone Corp

  BB-B4174 Datasheet HTML 1Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
1 Standard T1 3
1 1/4 Duty Cycle
1 Pulse Rate 2.4Hz (VDD=5V)
1 Operating Voltage 3V 10V (DC)
1 Easily be driven by TTL &C-MOS circuit no external circuit needed
ABSOLUTE MAXIMUN RATINGS
1 Operating Temperature Range
-20 ~80
1 Storage Temperature Range
-20 ~85
1 Operating Voltage(Max)
10 Volt
1 Reverse Voltage(Max)
-5 Volt
Chip
Pulse Rate(Hz)
VDD=5V
(Hz)
Luminous Intensity
IF=25mA
(mcd)
Package
Part No.
Material
Emitted
Color
Peak
Wave
Length
p(nm)
Lens
Appearance
Min.
Typ.
Max.
Min.
Typ.
Viewing
Angle
2 1/2
(deg)
Drawing
No.
BB-B5171-C
GaP/GaP
Bright Red
700
2.0
6.0
BB-B4571-C
GaAsP/GaP Hi-Eff Red
635
8.0
25.0
BB-B6171-C
GaAlAs
Super Red
660
Red Diffused
15.0
40.0
BB-B2171-C
GaP/GaP
Green
568
8.0
25.0
BB-BX1171-C GaP/GaP
Hi-Eff Y.G
568
Green Diffused
10.0
30.0
BB-B3171-C
GaAsP/GaP Yellow
585
Yellow Diffused
6.0
20.0
T-1
Standard
1.0" Lead
3
BB-B4171-C
GaAsP/GaP Orange
635
Orange Diffused
8.0
25.0
45
L-152
BB-B5174
GaP/GaP
Bright Red
700
4.0
12.0
BB-B4574
GaAsP/GaP Hi-Eff Red
635
12.0
40.0
BB-B6174
GaAlAs
Super Red
660
Red Diffused
20.0
60.0
BB-B2174
GaP/GaP
Green
568
12.0
40.0
BB-BX1174
GaP/GaP
Hi-Eff Y.G
568
Green Diffused
5.0
50.0
BB-B3174
GaAsP/GaP Yellow
585
Yellow Diffused
10.0
35.0
T-13/4
Standard
1.0" Lead
5
BB-B4174
GaAsP/GaP Orange
635
Orange Diffused
2.0
2.4
2.8
12.0
40.0
45
L-153
Remark 1.Hi-Eff Red / High-Efficiency Red
2.Trans / Transparent
3.2 1/2 The off-axis angle at which the luminous intensity is half the axial luminous intensity
L-152
BB-Bxx71-C Series
L-153
BB-Bxx74 Series
Notes 1.All Dimensions are millimeters (inches).
2.Tolerance is 0.25mm (.010").
1.0(.04)
1.5(.059) MAX.
1.0(.04) MIN.
2.54(.10) NOM.
5.0(.197)
8.62(.339)
5.7(.22)
0.5(.02) SQ. TYP.
25.4(1.0) MIN.
TYP.
MIN.
0.5(.02) SQ.
2.54(.10) NOM.
0.81(.032)
1.5(.059) MAX.
3.80(.150)
25.4(1.00) MIN.
1.00(.039)
5.30(.209)
3.00(.118)
...............................................................................................................................................................................
...................................................................................................................................................................................
.................................................................................................................................................................................................
.....................................................................................................................................................................................................
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BB-B4174

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BB-B4174 BRIGHT-BB-B4174 Datasheet
128Kb / 2P
   GaAsP/GaP Hi-Eff Red TTL & C-MOS circuit
More results

Similar Description - BB-B4174

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-B336 LUCKY-LIGHT-GB-B336 Datasheet
42Kb / 1P
   Blinking, Round Type LED Lamps (5mm)
logo
Yellow Stone Corp
BL-B4541 YSTONE-BL-B4541 Datasheet
459Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
BL-B4541 YSTONE-BL-B4541 Datasheet
461Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
BL-B2441 YSTONE-BL-B2441 Datasheet
1,003Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B1132 YSTONE-BL-B1132 Datasheet
513Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B1134M YSTONE-BL-B1134M Datasheet
500Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BR-B51V1-05V YSTONE-BR-B51V1-05V Datasheet
67Kb / 1P
   RESISTOR LED LAMPS (ROUND TYPES)
logo
BetLux Electronics
BL-L513-B BETLUX-BL-L513-B Datasheet
232Kb / 4P
   5mm Round Blinking flash LED Lamps
logo
Lucky Light Electronic
GB-B226 LUCKY-LIGHT-GB-B226 Datasheet
42Kb / 1P
   Blinking, Round Type LED Lamps (3mm)
logo
Micro Electronics
MGB557D MICRO-ELECTRONICS-MGB557D Datasheet
47Kb / 1P
   BLINKING LED LAMPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com