Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4220 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT4220
Description  10-W Low-Profile 48V-Input Isolated DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4220 Datasheet(HTML) 3 Page - Texas Instruments

  PT4220 Datasheet HTML 1Page - Texas Instruments PT4220 Datasheet HTML 2Page - Texas Instruments PT4220 Datasheet HTML 3Page - Texas Instruments PT4220 Datasheet HTML 4Page - Texas Instruments PT4220 Datasheet HTML 5Page - Texas Instruments PT4220 Datasheet HTML 6Page - Texas Instruments PT4220 Datasheet HTML 7Page - Texas Instruments PT4220 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
Typical Characteristics
PT4222, Vo =3.3VDC (See Note A)
PT4220 Series
10-W Low-Profile 48V-Input
Isolated DC/DC Converter
50
60
70
80
90
0
0.4
0.8
1.2
1.6
2
Iout (A)
36.0V
48.0V
60.0V
75.0V
VIN
0
10
20
30
40
50
0
0.4
0.8
1.2
1.6
2
Iout (A)
36.0V
48.0V
60.0V
75.0V
VIN
0
0.4
0.8
1.2
1.6
2
0
0.4
0.8
1.2
1.6
2
Iout (A)
75.0V
60.0V
48.0V
36.0V
VIN
60
65
70
75
80
85
90
0
0.5
1
1.5
2
2.5
3
Iout (A)
36.0V
48.0V
60.0V
75.0V
VIN
0
10
20
30
40
50
60
70
0
0.5
1
1.5
2
2.5
3
Iout (A)
36.0V
48.0V
60.0V
75.0V
VIN
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
Iout (A)
75.0V
60.0V
48.0V
36.0V
VIN
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1
Iout (A)
36.0V
48.0V
60.0V
75.0V
VIN
0
20
40
60
80
100
120
0
0.2
0.4
0.6
0.8
1
Iout (A)
36.0V
48.0V
60.0V
75.0V
VIN
0
0.4
0.8
1.2
1.6
0
0.2
0.4
0.6
0.8
1
Iout (A)
75.0V
60.0V
48.0V
36.0V
VIN
Efficiency vs Output Current
Output Ripple vs Output Current
Power Dissipation vs Output Current
Safe Operating Area @Vin =48V (Note B)
PT4223, Vo =5.0VDC (See Note A)
Efficiency vs Output Current
Output Ripple vs Output Current
Power Dissipation vs Output Current
Safe Operating Area @Vin =48V (Note B)
PT4224, Vo =12.0VDC (See Note A)
Efficiency vs Output Current
Output Ripple vs Output Current
Power Dissipation vs Output Current
Safe Operating Area @Vin =48V (Note B)
20
30
40
50
60
70
80
90
0
0.5
1
1.5
2
2.5
3
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
0
0.4
0.8
1.2
1.6
2
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow


Similar Part No. - PT4220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4220 TI1-PT4220 Datasheet
389Kb / 8P
[Old version datasheet]   10W Output Power
PT4220 TI1-PT4220_14 Datasheet
389Kb / 8P
[Old version datasheet]   10W Output Power
More results

Similar Description - PT4220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4240 TI-PT4240 Datasheet
174Kb / 7P
[Old version datasheet]   10-W Low-Profile 24V-Input Isolated DC/DC Converter
logo
Bel Fuse Inc.
RFT-10Y BEL-RFT-10Y Datasheet
1Mb / 10P
   10 W Isolated DC-DC Converter
16 December 2022
logo
Texas Instruments
PT4200 TI1-PT4200 Datasheet
213Kb / 4P
[Old version datasheet]   3-7 Watt 48V-Input Isolated DC/DC Converter
PT4200 TI-PT4200 Datasheet
215Kb / 3P
[Old version datasheet]   3-7 WATT 48V INPUT ISOLATED DC-DC CONVERTER
PT4100-48V TI-PT4100-48V Datasheet
194Kb / 3P
[Old version datasheet]   48V 15 WATT ISOLATED DC-DC CONVERTER
PT4310 TI1-PT4310 Datasheet
146Kb / 7P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC-DC Converter
PT4313 TI-PT4313 Datasheet
213Kb / 9P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC/DC Converter
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com