Part Name
         Description
2SB819

 Silicon PNP epitaxial planer type(For low-frequency output amplification) ( 3 Page)


PANASONIC
100% 
Zoom Out Zoom In
   
 3 page
background image
3
Transistor
2SB819
– 0.1
–1
–10
–100
– 0.3
–3
–30
– 0.001
– 0.003
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
Single pulse
Ta=25˚C
t=10ms
t=1s
I
CP
I
C
Collector to emitter voltage V
CE
(V)
Area of safe operation (ASO)
1  2  3 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SB1438Silicon PNP epitaxial planer type For low-frequency output amplification 1 2 Panasonic Semiconductor
2SB976Silicon PNP epitaxial planer type For low-frequency output amplification 1 2 Panasonic Semiconductor
2SB1440Silicon PNP epitaxial planer type For low-frequency output amplification 1 2 Panasonic Semiconductor
2SB1297Silicon PNP epitaxial planer type For low-frequency output amplification 1 2 Panasonic Semiconductor
2SB1446Silicon PNP epitaxial planer type For low-frequency output amplification 1 2 Panasonic Semiconductor
2SB766Silicon PNP epitaxial planer type For low-frequency output amplification 1 2 Panasonic Semiconductor
2SB767Silicon PNP epitaxial planer type For low-frequency output amplification 1 2 Panasonic Semiconductor
2SD1011Silicon NPN epitaxial planer type For low-frequency amplification 1 2 Panasonic Semiconductor
2SB1398Silicon PNP epitaxial planer type For low-frequency output amplification 1 2 Panasonic Semiconductor
2SB1589Silicon PNP epitaxial planer type For low-frequency output amplification 1 2 Panasonic Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl