Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4486A Datasheet(PDF) 3 Page - Texas Instruments

Part # PT4486A
Description  100-W 8.5-A Programmable Isolated DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4486A Datasheet(HTML) 3 Page - Texas Instruments

  PT4486A Datasheet HTML 1Page - Texas Instruments PT4486A Datasheet HTML 2Page - Texas Instruments PT4486A Datasheet HTML 3Page - Texas Instruments PT4486A Datasheet HTML 4Page - Texas Instruments PT4486A Datasheet HTML 5Page - Texas Instruments PT4486A Datasheet HTML 6Page - Texas Instruments PT4486A Datasheet HTML 7Page - Texas Instruments PT4486A Datasheet HTML 8Page - Texas Instruments PT4486A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
For technical support and further information, visit http://power.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
Efficiency vs Output Current
Power Dissipation vs Output Current
Typical Characteristics
PT4486—48V
100-W 8.5-A Programmable
Isolated DC/DC Converter
Efficiency vs Output Current
Performance Characteristics, Vo =15 V (See Note A)
Performance Characteristics, Vo =12 V (See Note A)
Safe Operating Area, VO =12 V ( See Note B)
Safe Operating Area, VO =15 V ( See Note B)
Power Dissipation vs Output Current
20
30
40
50
60
70
80
90
012345
678
Iout (A)
Nat conv
100LFM
200LFM
300LFM
400LFM
500LFM
Airflow
20
30
40
50
60
70
80
90
01
23456
Iout (A)
500LFM
400LFM
300LFM
200LFM
100LFM
Nat conv
Airflow
60
65
70
75
80
85
90
95
01
2345678
Iout (A)
36 V
48 V
60 V
75 V
VIN
0
2
4
6
8
10
12
14
16
18
012345
678
Iout (A)
75 V
60 V
48 V
36 V
V
IN
60
65
70
75
80
85
90
95
01
23
45
6
Iout (A)
36 V
48 V
60 V
75 V
V
IN
0
2
4
6
8
10
12
14
012
3456
Iout (A)
75 V
60 V
48 V
36 V
V
IN
SLTS121C – SEPTEMBER 2000 – REVISED OCTOBER 2004


Similar Part No. - PT4486A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4486 TI-PT4486 Datasheet
156Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4486 TI-PT4486 Datasheet
157Kb / 7P
[Old version datasheet]   36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
More results

Similar Description - PT4486A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4475 TI-PT4475 Datasheet
436Kb / 6P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4476 TI-PT4476 Datasheet
195Kb / 8P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4484 TI-PT4484 Datasheet
151Kb / 7P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4452 TI-PT4452 Datasheet
112Kb / 4P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4473 TI-PT4473 Datasheet
174Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4481 TI-PT4481 Datasheet
177Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4472 TI-PT4472 Datasheet
154Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4441 TI-PT4441 Datasheet
156Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4474 TI-PT4474 Datasheet
172Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4471 TI-PT4471 Datasheet
178Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com