Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4225A Datasheet(PDF) 1 Page - Texas Instruments

Part # PT4225A
Description  10-W Low-Profile 48V-Input Isolated DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4225A Datasheet(HTML) 1 Page - Texas Instruments

  PT4225A Datasheet HTML 1Page - Texas Instruments PT4225A Datasheet HTML 2Page - Texas Instruments PT4225A Datasheet HTML 3Page - Texas Instruments PT4225A Datasheet HTML 4Page - Texas Instruments PT4225A Datasheet HTML 5Page - Texas Instruments PT4225A Datasheet HTML 6Page - Texas Instruments PT4225A Datasheet HTML 7Page - Texas Instruments PT4225A Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Standard Application
Features
10W Output Power
Input Voltage: 36V to 75V
Output Voltages: 1.2V to 13.2V
1500 VDC Isolation
Temp Range: –40°C to +85°C
Remote On/Off Control
Undervoltage Lockout
Output Current Limit
Ordering Information
PT4221
¨ =1.8V/3A
(5.4W)
PT4222
¨ =3.3V/3A
PT4223
¨ =5.0V/2A
PT4224
¨ =12.0V/0.85A
PT4225
¨ =2.5V/3A
(7.5W)
PT4226
¨ =1.5V/3A
(4.5W)
† PT4227
¨ =1.3V/3A
(3.9W)
† Adjustable to 1.2V
Description
The PT4220 power modules are a
series of DC/DC converters housed in
an ultra-low profile (8mm) solderable
copper case. The series includes a num-
ber of preset output voltages ranging
from 1.3V up to 12V, all fully approved
for Telecom use. T hey may also be used
in many other applications that require
input-output isolation over an extended
temperature range. The modules are an
ideal choice for low-power digital and
analog circuits, including DSPs and
microcontrollers. The flexibility of
input-output isolation also allows the
output to be configured for negative
voltage operation.
The PT4220 series is made available
in both horizontal and vertical pin con-
figurations, including surface mount.
Short-Circuit Protection
Low-Profile Package (8mm)
Space Saving Package
Solderable Copper Case
Safety Agency Approvals:
UL 60950
CSA 22.2 60950
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code
Vertical
N
(EPE)
Horizontal
A
(EPF)
SMD
C
(EPG)
(Reference the applicable package code draw-
ing for the dimensions and PC board layout)
PT4220 Series
10-W Low-Profile 48V-Input
Isolated DC/DC Converter
SLTS127A
(Revised 1/14/2002)
PT4220
+Vout
–Vout
+Vin
-Vin
Remote
On/Off
V
o(adj)
1
3
58, 9
6, 7
10
L
O
A
D
+V
in
-V
in
+V
out
-V
out
Pin-Out Information
Pin
Function
1
Remote On/Off *
2
Do not connect
3–Vin
4
Do not connect
5+Vin
6-Vout
7-Vout
8+Vout
9+Vout
10 Vout Adj *
* For further information, see
application notes.


Similar Part No. - PT4225A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4225 TI1-PT4225 Datasheet
389Kb / 8P
[Old version datasheet]   10W Output Power
More results

Similar Description - PT4225A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4240 TI-PT4240 Datasheet
174Kb / 7P
[Old version datasheet]   10-W Low-Profile 24V-Input Isolated DC/DC Converter
logo
Bel Fuse Inc.
RFT-10Y BEL-RFT-10Y Datasheet
1Mb / 10P
   10 W Isolated DC-DC Converter
16 December 2022
logo
Texas Instruments
PT4200 TI1-PT4200 Datasheet
213Kb / 4P
[Old version datasheet]   3-7 Watt 48V-Input Isolated DC/DC Converter
PT4200 TI-PT4200 Datasheet
215Kb / 3P
[Old version datasheet]   3-7 WATT 48V INPUT ISOLATED DC-DC CONVERTER
PT4100-48V TI-PT4100-48V Datasheet
194Kb / 3P
[Old version datasheet]   48V 15 WATT ISOLATED DC-DC CONVERTER
PT4310 TI1-PT4310 Datasheet
146Kb / 7P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC-DC Converter
PT4313 TI-PT4313 Datasheet
213Kb / 9P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC/DC Converter
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com