Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV174PWLE Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LV174PWLE
Description  HEX D-TYPE FLIP-FLOPS WITH CLEAR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV174PWLE Datasheet(HTML) 4 Page - Texas Instruments

  SN74LV174PWLE Datasheet HTML 1Page - Texas Instruments SN74LV174PWLE Datasheet HTML 2Page - Texas Instruments SN74LV174PWLE Datasheet HTML 3Page - Texas Instruments SN74LV174PWLE Datasheet HTML 4Page - Texas Instruments SN74LV174PWLE Datasheet HTML 5Page - Texas Instruments SN74LV174PWLE Datasheet HTML 6Page - Texas Instruments SN74LV174PWLE Datasheet HTML 7Page - Texas Instruments SN74LV174PWLE Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SN54LV174, SN74LV174
HEX D-TYPE FLIP-FLOPS
WITH CLEAR
SCLS192B – FEBRUARY 1993 – REVISED APRIL 1996
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
SN54LV174
SN74LV174
UNIT
PARAMETER
TEST CONDITIONS
VCC†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IOH = –100 µA
MIN to MAX
VCC – 0.2
VCC – 0.2
VOH
IOH = –6 mA
3 V
2.4
2.4
V
IOH = –12 mA
4.5
3.6
3.6
IOL = 100 µA
MIN to MAX
0.2
0.2
VOL
IOL = 6 mA
3 V
0.4
0.4
V
IOL = 12 mA
4.5 V
0.55
0.55
II
VI =VCC or GND
3.6 V
±1
±1
µA
II
VI = VCC or GND
5.5 V
±1
±1
µA
ICC
VI =VCC or GND
IO =0
3.6 V
20
20
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
20
20
µA
nICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
3 V to 3.6 V
500
500
µA
Ci
VI =VCC or GND
3.3 V
2.5
2.5
pF
Ci
VI = VCC or GND
5 V
3
3
pF
† For conditions shown as MIN or MAX, use the appropriate values under recommended operating conditions.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
SN54LV174
VCC = 5 V
± 0.5 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
0
40
0
30
0
24
MHz
t
Pulse duration
CLR low
12
18
22
ns
tw
Pulse duration
CLK high or low
12
18
22
ns
t
Setup time before CLK
Data
10
12
14
ns
tsu
Setup time before CLK
CLR inactive
3
3
3
ns
th
Hold time, data after CLK
3
3
3
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV174PWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV174A TI-SN74LV174A Datasheet
146Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN74LV174A TI-SN74LV174A Datasheet
428Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN74LV174AD TI-SN74LV174AD Datasheet
146Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN74LV174AD TI-SN74LV174AD Datasheet
428Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN74LV174ADB TI-SN74LV174ADB Datasheet
146Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
More results

Similar Description - SN74LV174PWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV174A TI-SN54LV174A Datasheet
146Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC174 HITACHI-HD74HC174 Datasheet
51Kb / 9P
   Hex D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54AHC174 TI-SN54AHC174_07 Datasheet
584Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI1-SN54AHCT174_15 Datasheet
775Kb / 17P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
   Hex D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54HC174 TI-SN54HC174 Datasheet
92Kb / 6P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI-SN54AHCT174 Datasheet
101Kb / 6P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
CD54ACT174 TI-CD54ACT174 Datasheet
316Kb / 10P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Renesas Technology Corp
HD74HC174 RENESAS-HD74HC174 Datasheet
100Kb / 8P
   Hex D-type Flip-Flops (with Clear)
logo
Hitachi Semiconductor
HD74LV174A HITACHI-HD74LV174A Datasheet
64Kb / 15P
   Hex D-type Flip-Flops with Clear
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com