Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB928 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SB928
Description  Silicon PNP epitaxial planar type(For power amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB928 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SB928 Datasheet HTML 1Page - Panasonic Semiconductor 2SB928 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SB928, 2SB928A
Silicon PNP epitaxial planar type
For power amplification
For TV vartical deflection output
Complementary to 2SD1250 and 2SD1250A
s Features
q
High collector to emitter VCEO
q
High collector power dissipation PC
q
N type package enabling direct soldering of the radiating fin to
the printed circuit board, etc. of small electronic equipment.
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–200
–150
–180
–6
–3
–2
30
1.3
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
2SB928
2SB928A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to base voltage
Collector to emitter
voltage
Emitter to base voltage
Forward current transfer ratio
Base to emitter voltage
Collector to emitter saturation voltage
Transition frequency
Symbol
ICBO
IEBO
VCBO
VCEO
VEBO
hFE1
*
hFE2
VBE
VCE(sat)
fT
Conditions
VCB = –200V, IE = 0
VEB = –4V, IC = 0
IC = –500µA, IE = 0
IC = –5mA, IB = 0
IE = –500µA, IC = 0
VCE = –10V, IC = –150mA
VCE = –10V, IC = –400mA
VCE = –10V, IC = –400mA
IC = –500mA, IB = –50mA
VCE = –10V, IC = – 0.5A, f = 10MHz
min
–200
–150
–180
–6
60
50
typ
30
max
–50
–50
240
–1
–1
Unit
µA
µA
V
V
V
V
V
MHz
2SB928
2SB928A
*h
FE1 Rank classification
Rank
Q
P
hFE1
60 to 140
100 to 240
Note: Ordering can be made by the common rank (PQ rank hFE1 = 60 to 240) in the rank classification.
Unit: mm
1:Base
2:Collector
3:Emitter
N Type Package
8.5
±0.2
6.0
±0.5
1.5max.
0.8
±0.1
5.08
±0.5
2.54
±0.3
1.1max.
0.5max.
1.0
±0.1
3.4
±0.3
2
13
Unit: mm
8.5
±0.2
6.0
±0.3
3.4
±0.3
2.54
±0.3
5.08
±0.5
1.0
±0.1
0.8
±0.1
0 to 0.4
1.1 max.
R0.5
R0.5
123
1:Base
2:Collector
3:Emitter
N Type Package (DS)


Similar Part No. - 2SB928

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB928 PANASONIC-2SB928 Datasheet
74Kb / 3P
   For Power Amplification
logo
Guangdong Kexin Industr...
2SB928-P KEXIN-2SB928-P Datasheet
1Mb / 2P
   PNP Transistors
2SB928-Q KEXIN-2SB928-Q Datasheet
1Mb / 2P
   PNP Transistors
logo
Panasonic Semiconductor
2SB928A PANASONIC-2SB928A Datasheet
74Kb / 3P
   For Power Amplification
logo
Guangdong Kexin Industr...
2SB928A KEXIN-2SB928A Datasheet
40Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results

Similar Description - 2SB928

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1643 PANASONIC-2SB1643 Datasheet
56Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SB954 PANASONIC-2SB954 Datasheet
47Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1417 PANASONIC-2SB1417 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1548 PANASONIC-2SB1548 Datasheet
45Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB930 PANASONIC-2SB930 Datasheet
49Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1299 PANASONIC-2SB1299 Datasheet
53Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1393 PANASONIC-2SB1393 Datasheet
46Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1553 PANASONIC-2SB1553 Datasheet
52Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1554 PANASONIC-2SB1554 Datasheet
54Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SB929 PANASONIC-2SB929 Datasheet
50Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com