Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VE-5HMS-K-VD Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # VE-5HMS-K-VD
Description  POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VE-5HMS-K-VD Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  VE-5HMS-K-VD Datasheet HTML 1Page - Fujitsu Component Limited. VE-5HMS-K-VD Datasheet HTML 2Page - Fujitsu Component Limited. VE-5HMS-K-VD Datasheet HTML 3Page - Fujitsu Component Limited. VE-5HMS-K-VD Datasheet HTML 4Page - Fujitsu Component Limited. VE-5HMS-K-VD Datasheet HTML 5Page - Fujitsu Component Limited. VE-5HMS-K-VD Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
VE SERIES
s SAFETY STANDARD AND FILE NUMBERS
UL508 (File No. E56140)
C22.2 No. 14 (File No. LR35579)
VDE0435
Please note that UL/CSA ratings may differ from the standard ratings.
Type
Nominal voltage
Contact rating
VE-H
5 to 48 VDC
Normally open:
1/14 HP 125 VAC/250 VAC
5 A 30 VDC/250 VAC, resistive
Pilot duty D300
Normally close:
1/14 HP 125 VAC/250 VAC
3 A 30 VDC/250 VAC, resistive
Pilot duty D150
VE-HM
5 to 48 VDC
1/12 HP 125 VAC/250 VAC
5 A 30 VDC/250 VAC, resistive
Pilot duty D300
VE-H5
5 to 48 VDC
Normally open:
VE-HM5
1/10 HP 125 VAC/250 VAC
5 A 30 VDC/250 VAC, resistive
Pilot duty D300
Normally close:
1/14 HP 125 VAC/250 VAC
5 A 30 VDC/250 VAC, resistive


Similar Part No. - VE-5HMS-K-VD

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VE-12H-K-HV-VD FUJITSU-VE-12H-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HE5-K-HV-VD FUJITSU-VE-12HE5-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HM-K-HV-VD FUJITSU-VE-12HM-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HME5-K-HV-VD FUJITSU-VE-12HME5-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMS-K-HV-VD FUJITSU-VE-12HMS-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
More results

Similar Description - VE-5HMS-K-VD

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com