Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX5545G0181V4T2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FX5545G0181V4T2
Description  Low Profile 3mm DC/DC Buck Converter 0.8V to 4.5V, 3A with 380W/in3 Power Density Efficiency up to 95%
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FX5545G0181V4T2 Datasheet(HTML) 1 Page - Vishay Siliconix

  FX5545G0181V4T2 Datasheet HTML 1Page - Vishay Siliconix FX5545G0181V4T2 Datasheet HTML 2Page - Vishay Siliconix FX5545G0181V4T2 Datasheet HTML 3Page - Vishay Siliconix FX5545G0181V4T2 Datasheet HTML 4Page - Vishay Siliconix FX5545G0181V4T2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FX5545G008
Vishay
Low Profile 3mm DC/DC Buck Converter
0.8V to 4.5V*, 3A with 380W/in3 Power Density
Efficiency up to 95%
www.vishay.com
For technical questions, contact FunctionPAK@vishay.com
For marketing questions, contact FunctionPAK.marketing@vishay.com
Document Number: 10126
22
Revision: 01-Mar-05
FEATURES
• Fully integrated DC/DC converter
• Advanced development of FX5545G305
• High efficiency over large load range
• 100% duty cycle
• Power density - more than 380W/inch3
• 1µA shutdown current
• 2.5V to 6V input range (1Li+ and 3-cell NiCd or NiMH cells)
• 0.8V to 4.5V* output voltage
• Programmable PWM/PSM controls
• Low output ripple
• BGA construction
• Temperature range: - 40°C to + 85°C
• No external components required
• Output power 10W
• Maximum current 3A
• Low profile
*Note: For higher putput voltage please consult factory at
FunctionPAK@Vishay.com
The
DC/DC
converter
is
a
programmable
topology
synchronized
Buck
converter
for
today’s
continuous
changing portable electronic market. The DC/DC converter
provides flexibility of utilizing various battery configurations
and chemistries such as NiCd, NiMH, or Li+ with an input
voltage range of 2.5V to 6V. An additional flexibility is
provided with topology programmability to power multiple
loads such as power amplifiers, microcontrollers, or
baseband logic IC’s. For ultra-high efficiency, converters are
designed to operate in synchronous rectified PWM mode
under full load while transforming into externally controlled
pulse-skipping mode (PSM) under light load.
The DC/DC converter is available in 20-ports BGA package.
In order to satisfy the stringent ambient temperature
requirements, the DC/DC converter is designed to handle
the industrial temperature range of - 40°C to + 85°C.
APPLICATION
• Cordless phones, PDAs and others
• Supply voltage source for low-voltage chip sets
• Point of Load (POL) applications such as drivers for
FPGA’s, microprocessors, DSP’s amplifiers, etc.
• Portable computers
• Battery back-up supplies
• Cameras
ORDERING INFORMATION
FX
5545
G008
FUNCTION
SIZE
CIRCUIT IDENTIFIER - G008 or G018
OUTPUT VOLTAGE - Example: 1.2V should be written as 1V2 as the V indicates the decimal point or ADJ
for adjustable version - self selectable output voltage. G018ADJ is only available in the adjustable version
for Vout = 0.9V - 1.3V. For design considerations please see ANF110
PACKAGING - B1 = 10pcs in bulk; B5 = 50pcs in bulk; T1 = 13” reel; T2 = 7” reel.
For lead (Pb)-free solder please add E2 suffix.


Similar Part No. - FX5545G0181V4T2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FX5545G005 VISHAY-FX5545G005 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B1 VISHAY-FX5545G0052V7B1 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B1E2 VISHAY-FX5545G0052V7B1E2 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B5 VISHAY-FX5545G0052V7B5 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B5E2 VISHAY-FX5545G0052V7B5E2 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
More results

Similar Description - FX5545G0181V4T2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FX5545G108 VISHAY-FX5545G108 Datasheet
567Kb / 6P
   The Smallest and Low Profile 0.9V to 4.5V, 4A with 570W/in^3 Power Density Efficiency up to 95% DC/DC Buck Converter
Revision: 21-Jan-05
logo
Maxim Integrated Produc...
MAX17686 MAXIM-MAX17686 Datasheet
866Kb / 19P
   4.5V to 60V Input, High-Efficiency, Iso-Buck DC-DC Converter
Rev 1; 4/19
MAX17524 MAXIM-MAX17524_V01 Datasheet
1Mb / 25P
   4.5V to 60V, Dual 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter
2019
MAX17574 MAXIM-MAX17574_V01 Datasheet
1Mb / 21P
   4.5V to 60V, 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
MAX17687 MAXIM-MAX17687 Datasheet
751Kb / 19P
   4.5V to 60V Input, Ultra-Small, High-Efficiency, Iso-Buck DC-DC Converter
Rev 0; 12/18
logo
List of Unclassifed Man...
XL2596 ETC2-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
logo
XLSEMI
XL1583 XLSEMI-XL1583 Datasheet
190Kb / 9P
   3A 380KHz 23V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL1530 ETC2-XL1530 Datasheet
251Kb / 9P
   3A 380KHz 18V Buck DC to DC Converter
logo
XLSEMI
XL2596 XLSEMI-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
XL1507 XLSEMI-XL1507 Datasheet
324Kb / 12P
   3A 150KHz 40V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com