Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX5545G0063V2T2E2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FX5545G0063V2T2E2
Description  Industry Smallest and Low Profile 9W 1.5A DC/DC Boost Converter with High Output Power Density
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FX5545G0063V2T2E2 Datasheet(HTML) 1 Page - Vishay Siliconix

  FX5545G0063V2T2E2 Datasheet HTML 1Page - Vishay Siliconix FX5545G0063V2T2E2 Datasheet HTML 2Page - Vishay Siliconix FX5545G0063V2T2E2 Datasheet HTML 3Page - Vishay Siliconix FX5545G0063V2T2E2 Datasheet HTML 4Page - Vishay Siliconix FX5545G0063V2T2E2 Datasheet HTML 5Page - Vishay Siliconix FX5545G0063V2T2E2 Datasheet HTML 6Page - Vishay Siliconix FX5545G0063V2T2E2 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 10122
For technical questions, contact FunctionPAK@vishay.com
For marketing questions, contact FunctionPAK.marketing@vishay.com
www.vishay.com
Revision: 18-Jan-05
15
FX5545G006
Vishay
Industry Smallest and Low Profile
9W 1.5A DC/DC Boost Converter
with High Output Power Density
FEATURES
• Fully integrated DC/DC converter
• High efficiency over large load range
• 100% duty cycle
• Power density - more than 330W/inch3
• 1µA shutdown current
• 2.5V to 6V input range (1Li+ and 3-cell NiCd or NiMH cells)
• 3.3V to 6V output voltage
• Programmable PWM/PSM controls
• Low output ripple
• BGA construction
• Temperature range: - 40°C to + 85°C
• No external components needed
• Output power 9W
• Maximum current 1.5A
• Low profile
The
DC/DC
converter
is
a
programmable
topology
synchronized Boost converter for today’s continuous
changing portable electronic market. The DC/DC converter
provides flexibility of utilizing various battery configurations
and chemistries such as NiCd, NiMH, or Li+ with an input
voltage range of 2.5V to 6V. An additional flexibility is
provided with topology programmibility to power multiple
loads such as power amplifiers, microcontrollers, or
baseband logic IC’s. For ultra-high efficiency, converters are
designed to operate in synchronous rectified PWM mode
under full load while transforming into externally controlled
pulse-skipping mode (PSM) under light load.
The DC/DC converter is available in 20-ports BGA package.
In order to satisfy the stringent ambient temperature
requirements, the DC/DC converter is designed to handle
the industrial temperature range of - 40°C to + 85°C.
APPLICATION
• Point of Load (POL) applications such as drivers for
FPGA’s, microprocessors, DSP’s amplifiers, etc.
• Cordless phones, PDAs and others
• Supply voltage source for low-voltage chip sets
• Portable computers
• Battery back-up supplies
• Cameras
ORDERING INFORMATION
FX
5545
G006
FUNCTION
SIZE
CIRCUIT IDENTIFIER
OUTPUT VOLTAGE - Example: 2.7V should be written as 2V7 as the V indicates the decimal point,
or ADJ for adjustable version - self selectable output voltage.
PACKAGING - B1 = 10pcs in bulk; B5 = 50pcs in bulk; T1 = 13” reel; T2 = 7” reel.
For lead (Pb)-free solder please add E2 suffix.


Similar Part No. - FX5545G0063V2T2E2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FX5545G005 VISHAY-FX5545G005 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B1 VISHAY-FX5545G0052V7B1 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B1E2 VISHAY-FX5545G0052V7B1E2 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B5 VISHAY-FX5545G0052V7B5 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B5E2 VISHAY-FX5545G0052V7B5E2 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
More results

Similar Description - FX5545G0063V2T2E2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FX5545G005 VISHAY-FX5545G005 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G402 VISHAY-FX5545G402 Datasheet
160Kb / 4P
   Industry Smallest and Low Profile 5W 1A DC/DC Boost Converter with High Output Density Power
Revision 13-Mar-03
FX5545G106 VISHAY-FX5545G106 Datasheet
556Kb / 8P
   Industry Smallest and Low Profile 12W 2A DC/DC Boost Converter with High Output Power Density
Revision: 19-Jan-05
FX5545G206 VISHAY-FX5545G206 Datasheet
634Kb / 8P
   Industry Smallest and Low Profile 15W, 2.5A DC/DC Boost Converter with High Output Power Density
Revision: 21-Jan-05
FX5545G305 VISHAY-FX5545G305 Datasheet
185Kb / 4P
   Industry Smallest and Low Profile 10W 3.0A DC/DC Buck Converter with High Output Power Density
Revision: 21-Jan-05
FX5545G201 VISHAY-FX5545G201 Datasheet
264Kb / 4P
   Industry Smallest and Low Profile 3W 1000mA DC/DC Buck Converter with High Output Power Density
Revision 14-Jun-04
FX5545G105 VISHAY-FX5545G105 Datasheet
191Kb / 4P
   Industry Smallest and Low Profile 6.5W 2.0A DC/DC Buck Converter with High Output Power Density
Revision: 21-Jan-05
FX5545G2013V3T2 VISHAY-FX5545G2013V3T2 Datasheet
322Kb / 5P
   Industry Smallest and Low Profile 3W 1000mA DC/DC Buck Converter with High Output Power Density
Revision: 22-Apr-09
logo
Minmax Technology Co., ...
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com