Electronic Components Datasheet Search |
|
V300C3V3E24B2 Datasheet(PDF) 2 Page - Vicor Corporation |
|
V300C3V3E24B2 Datasheet(HTML) 2 Page - Vicor Corporation |
2 / 8 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 FasTrak Mini E-Grade Family Rev. 1.0 Page 2 of 8 Set your site on VICOR at www.vicorpower.com Parameter Min Typ Max Surge Withstand Unit Notes Input voltage 24 Vin 18 24 36 50 Vdc <100 ms surge withstand 48 Vin 36 48 75 100 Vdc 300 Vin 180 300 375 400 Vdc 375 Vin 250 375 425 500 Vdc Output voltage setpoint ±1 % Nominal input; full load; 25°C Parameter Min Typ Max Unit Notes Line regulation ±0.5 % Low line to high line; full load Temperature regulation ±0.005 % / °C Over operating temperature range Power sharing accuracy ± 5 % 10 to 100% of full load Programming range 10 110 % Of nominal output voltage. For trimming below 90% of nominal, a minimum load of 10% of maximum rated power may be required. Parameter 24 Vin 48 Vin 300 Vin 375 Vin Units Notes Undervoltage turn-on 17.5 34.9 175 243 Vdc Typical value Undervoltage turn-off 15.3 30.5 153 212 Vdc Typical value Overvoltage turn-off/on 37.8 78.8 N/A 446 Vdc Typical value MODULE OPERATING SPECIFICATIONS MODULE INPUT SPECIFICATIONS MODULE OUTPUT SPECIFICATIONS ELECTRICAL CHARACTERISTICS Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature, unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate. MODULE OUTPUT VOLTAGE RELATED SPECIFICATIONS Note: For important information relative to applications where the converter modules are subject to continuous dynamic loading, contact Vicor applications engineering at 800-927-9474. Note: 300 Vin models do not have overvoltage turn-off. Parameter 3.3V 5V 12V 15V 24V 28V 48V Unit Notes Efficiency (typ.) 76.5 80.0 84.0 85.5 86.0 86.5 88.0 % Nominal input; 80% load; 25°C Ripple and noise, p-p (typ.) 120 105 170 150 150 180 55 mV Nominal input; full load; 25°C; 20MHz BW Output OVP setpoint (nom.) 4.3 6.3 14.3 17.8 28.1 32.7 55.7 Volts 25°C; recycle input voltage to restart ( 1 minute off ) Dissipation, standby (typ.) 3.4 4.4 5.0 7.0 4.9 4.6 4.0 Watts No load; nominal input Load regulation (max.) 0.4 0.4 0.2 0.2 0.2 0.3 0.2 ±% Vout No load to full load; nominal input Current limit (typ.) 115 115 115 115 115 115 115 % Iout Output voltage 95% of nominal Short circuit current (typ.) 115 115 115 115 115 115 115 % Iout. Output voltage <250mV |
Similar Part No. - V300C3V3E24B2 |
|
Similar Description - V300C3V3E24B2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |