Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSQ15A04B Datasheet(PDF) 5 Page - Nihon Inter Electronics Corporation

Part # KSQ15A04B
Description  Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

KSQ15A04B Datasheet(HTML) 5 Page - Nihon Inter Electronics Corporation

  KSQ15A04B Datasheet HTML 1Page - Nihon Inter Electronics Corporation KSQ15A04B Datasheet HTML 2Page - Nihon Inter Electronics Corporation KSQ15A04B Datasheet HTML 3Page - Nihon Inter Electronics Corporation KSQ15A04B Datasheet HTML 4Page - Nihon Inter Electronics Corporation KSQ15A04B Datasheet HTML 5Page - Nihon Inter Electronics Corporation KSQ15A04B Datasheet HTML 6Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
KSQ15A04/KSQ15A04B
V RM =40 V
0
25
50
75
100
125
150
CASE TEMPERATURE (°C)
0
4
8
12
16
20
24
180°
θ
CONDUCTION ANGLE
HALF SINE WAVE
D.C.
RECT 180°
RECT 120°.
RECT 60°.
SURGE CURRENT RATINGS
KSQ15A04/KSQ15A04B
f=50Hz,Sine Wave,Non-Repetitive,No Load
0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
0
50
100
150
200
250
300
0.02s
I FSM


Similar Part No. - KSQ15A04B

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
KSQ15A04B NI-KSQ15A04B_15 Datasheet
121Kb / 1P
   SBD
More results

Similar Description - KSQ15A04B

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com