Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILA7056B Datasheet(PDF) 4 Page - Integral Corp.

Part # ILA7056B
Description  5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

ILA7056B Datasheet(HTML) 4 Page - Integral Corp.

  ILA7056B Datasheet HTML 1Page - Integral Corp. ILA7056B Datasheet HTML 2Page - Integral Corp. ILA7056B Datasheet HTML 3Page - Integral Corp. ILA7056B Datasheet HTML 4Page - Integral Corp. ILA7056B Datasheet HTML 5Page - Integral Corp. ILA7056B Datasheet HTML 6Page - Integral Corp. ILA7056B Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ILA7056B
Figure 5.
Control current as a function of DC volume control.
Figure 6.
Quiescent current versus supply voltage.
Figure 7. Total harmonic distortion versus output power.
(1) RL 16 Ω
(2) RL = 8 Ω
(3) RL = 4 Ω, VP = 12 V
Figure 8.
Total harmonic distortion versus frequency.
PO = 0.1 W.
(1) Gv(max) = 40 dB.
(2) Gv(max) = 30 dB.
4


Similar Part No. - ILA7056B

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILA7056B IKSEMICON-ILA7056B Datasheet
391Kb / 7P
   Few external components
More results

Similar Description - ILA7056B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7056B PHILIPS-TDA7056B Datasheet
101Kb / 16P
   5 W mono BTL audio amplifier with DC volume control
1997 Aug 15
logo
KODENSHI_AUK CORP.
KKA7056B KODENSHI-KKA7056B Datasheet
238Kb / 6P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7056AT PHILIPS-TDA7056AT Datasheet
128Kb / 20P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
TDA7052AN NXP-TDA7052AN Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7056AT PHILIPS-TDA7056AT_15 Datasheet
140Kb / 18P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052B PHILIPS-TDA7052B Datasheet
111Kb / 16P
   Mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7056A PHILIPS-TDA7056A Datasheet
58Kb / 9P
   3 W BTL mono audio output amplifier with DC volume control
July 1994
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com