Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN24LC04BN Datasheet(PDF) 7 Page - Integral Corp.

Part # IN24LC04BN
Description  4K/8K 2.5V CMOS Serial EEPROMs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN24LC04BN Datasheet(HTML) 7 Page - Integral Corp.

Back Button IN24LC04BN Datasheet HTML 2Page - Integral Corp. IN24LC04BN Datasheet HTML 3Page - Integral Corp. IN24LC04BN Datasheet HTML 4Page - Integral Corp. IN24LC04BN Datasheet HTML 5Page - Integral Corp. IN24LC04BN Datasheet HTML 6Page - Integral Corp. IN24LC04BN Datasheet HTML 7Page - Integral Corp. IN24LC04BN Datasheet HTML 8Page - Integral Corp. IN24LC04BN Datasheet HTML 9Page - Integral Corp. IN24LC04BN Datasheet HTML 10Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IN24LC04B/08B
ACKNOWLEDGE POLLING
Since the device will not acknowledge during a write cycle, this can be used to determine when the
cycle is complete (this feature can be used to maximize bus throughput). Once
the stop condition for a write command has been
issued from the master, the device initiates the
internally timed write cycle, ACK polling can be
initiated immediately. This involves the master
sending a start condition followed by the control
byte for a write command (R/W =0). If the
device is still busy with the write cycle, then no
ACK will be returned. If the cycle is complete,
then the device will return the ACK and the
master can then proceed with the next read or
write command. See Figure 7 for flow diagram.
WRITE PROTECTION
The IN24LC04B/08B can be used as a serial
ROM when the WP pin is connected to Vcc.
Programming will be inhibited and the entire
memory will be write-protected.
READ OPERATION
Read operations are initiated in the same way as
write operations with the exception that the R/W
bit of the slave address is set to one. There are
three basic types of read operations: current
address read, random read, and sequential read.
Figure 7. Acknowledge Polling Flow
Current Address Read
The IN24LC04B/08B contains an address counter that maintains the address of the last word
accessed, internally incremented by one. Therefore, if the previous access (either a read or write
operation) was to address n, the next current address read operation would access data from address
n + 1. Upon receipt of the slave address with R/W bit set to one, the IN24LC04B/08B issues an
acknowledge and transmits the eight bit data word. The master will not acknowledge the transfer
but does generate a stop condition and the IN24LC04/08 discontinues transmission (see Figure 9).
Random Read
Random read operations allow the master to access any memory location in a random manner. To
perform this type of read operation, first the word address must be set. This is done by sending the
word address to the IN24LC04B/08B as part of a write operation. After the word address is sent,
the master generates a start condition following the acknowledge. This terminates the write
operation, but not before the internal address pointer is set. Then the master issues the control byte
again but with the R/W bit set to a one. The IN24LC04B/08B will then issue an acknowledge and
transmits the eight bit data word. The master will not acknowledge the transfer but does generate a
stop condition and the IN24LC04B/08B discontinues transmission (see Figure 10).
7


Similar Part No. - IN24LC04BN

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN24LC02B INTEGRAL-IN24LC02B Datasheet
246Kb / 10P
   2K 2.5V CMOS Serial EEPROMs
IN24LC08 INTEGRAL-IN24LC08 Datasheet
262Kb / 12P
   IN24LC08
IN24LC08D INTEGRAL-IN24LC08D Datasheet
262Kb / 12P
   IN24LC08
IN24LC08N INTEGRAL-IN24LC08N Datasheet
262Kb / 12P
   IN24LC08
More results

Similar Description - IN24LC04BN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK24LC04 KODENSHI-KK24LC04 Datasheet
223Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
KK24LC04B KODENSHI-KK24LC04B Datasheet
266Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
logo
Microchip Technology
24LC04B MICROCHIP-24LC04B Datasheet
88Kb / 12P
   4K/8K 2.5V I 2 C Serial EEPROMs
2007
24AA04 MICROCHIP-24AA04 Datasheet
93Kb / 12P
   4K/8K 1.8V I2C Serial EEPROMs
1996
logo
KODENSHI_AUK CORP.
KK24LC02B KODENSHI-KK24LC02B Datasheet
265Kb / 10P
   2K 2.5V CMOS Serial EEPROMs
logo
Integral Corp.
IN24LC02B INTEGRAL-IN24LC02B Datasheet
246Kb / 10P
   2K 2.5V CMOS Serial EEPROMs
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com