Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M12L64164A-5TG Datasheet(PDF) 7 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L64164A-5TG
Description  1M x 16 Bit x 4 Banks Synchronous DRAM
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L64164A-5TG Datasheet(HTML) 7 Page - Elite Semiconductor Memory Technology Inc.

Back Button M12L64164A-5TG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L64164A-5TG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L64164A-5TG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L64164A-5TG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L64164A-5TG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L64164A-5TG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L64164A-5TG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M12L64164A-5TG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M12L64164A-5TG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
ESMT
M12L64164A
Elite Semiconductor Memory Technology Inc.
Publication Date: Nov. 2005
Revision: 2.6
7/44
FREQUENCY vs. AC PARAMETER RELATIONSHIP TABLE
M12L64164A-5TG
(Unit : number of clock)
tRC
tRAS
tRP
tRRD
tRCD
tCCD
tCDL
tRDL
Frequency
CAS
Latency
53ns
38ns
15ns
10ns
15ns
5ns
5ns
10ns
200 MHz (5.0ns)
3
11
8
3
2
3
1
1
2
166 MHz (6.0ns)
3
9
7
3
2
3
1
1
2
143 MHZ(7.5ns )
2
8
6
3
2
3
1
1
2
125 MHZ(8.0ns )
2
7
5
2
2
2
1
1
2
111 MHZ(9.0ns )
2
6
5
2
2
2
1
1
2
M12L64164A-6TG
(Unit : number of clock)
tRC
tRAS
tRP
tRRD
tRCD
tCCD
tCDL
tRDL
Frequency
CAS
Latency
53ns
38ns
15ns
10ns
15ns
5ns
5ns
10ns
166 MHz (6.0ns)
3
10
7
3
2
3
1
1
2
143 MHz (7.0ns)
3
9
6
3
2
3
1
1
2
133 MHZ(7.5ns )
3
8
6
3
2
3
1
1
2
125 MHZ(8.0ns )
2
8
5
3
2
3
1
1
2
100 MHZ(10.0ns )
2
6
4
2
2
2
1
1
2
M12L64164A-7TG
(Unit : number of clock)
tRC
tRAS
tRP
tRRD
tRCD
tCCD
tCDL
tRDL
Frequency
CAS
Latency
63ns
42ns
20ns
14ns
20ns
7ns
7ns
14ns
143 MHZ(7.0ns )
3
9
6
3
2
3
1
1
2
133 MHZ(7.5ns )
3
9
6
3
2
3
1
1
2
125 MHZ(8.0ns )
3
8
6
3
2
3
1
1
2
100 MHZ(10.0ns )
2
7
5
2
2
2
1
1
2
83 MHZ(12.0ns )
2
6
4
2
2
2
1
1
2


Similar Part No. - M12L64164A-5TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L64164A-5TG ESMT-M12L64164A-5TG Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A-5TG ESMT-M12L64164A-5TG Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A-5TG2M ESMT-M12L64164A-5TG2M Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks
M12L64164A-5TG2Y ESMT-M12L64164A-5TG2Y Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks
More results

Similar Description - M12L64164A-5TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A_0712 ESMT-M12L64164A_0712 Datasheet
826Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S64164A ESMT-M52S64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com