Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD703103A Datasheet(PDF) 11 Page - NEC

Part # UPD703103A
Description  32-Bit Single-Chip Microcontrollers
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703103A Datasheet(HTML) 11 Page - NEC

Back Button UPD703103A Datasheet HTML 7Page - NEC UPD703103A Datasheet HTML 8Page - NEC UPD703103A Datasheet HTML 9Page - NEC UPD703103A Datasheet HTML 10Page - NEC UPD703103A Datasheet HTML 11Page - NEC UPD703103A Datasheet HTML 12Page - NEC UPD703103A Datasheet HTML 13Page - NEC UPD703103A Datasheet HTML 14Page - NEC UPD703103A Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
CHAPTER 1 OVERVIEW OF EACH PRODUCT
Application Note U17121EJ1V1AN
11
1.2 Features
Commercial Name
V850E/MA1
V850E/MA2
V850E/MA3
V850E/ME2
Maximum operating
frequency
50 MHz
40 MHz
80 MHz
150 MHz
Mask ROM
128
256
256
512
Flash memory
256
512
Internal
memory
(KB)
RAM
4
10
4
16
32
16
32
Instruction RAM: 128
Data RAM: 16
Cache (KB)
Instruction cache: 8
Bus type
Separate
Separate
Separate/multiplexed
Separate
Address bus
26 bits
25 bits
26 bits
26 bits
Data bus
8/16 bits
8/16 bits
8/16 bits
16/32 bits
External
bus
Chip select signals
8
4
8
8
Memory controller
SDRAM, EDO DRAM,
SRAM, etc.
SDRAM, SRAM, etc.
External
Note 1
17 (17)
4 (4)
26 (26)
40 (31)
Interrupts
Internal
41
27
49
59
32
× 32 → 64
20 to 40 ns (50 MHz)
25 to 50 ns (40 MHz)
12.5 to 25 ns (80 MHz)
6.7 to 13.3 ns (150 MHz)
DSP
function
32
× 32 + 32 → 32 60 ns (50 MHz)
75 ns (40 MHz)
37.5 ns (80 MHz)
20 ns (150 MHz)
TMC
4 ch
2 ch
6 ch
TMP
3 ch
TMQ
1 ch
Interval timer
4 ch
4 ch
4 ch
4 ch
16-bit
timer
Up/down counter
1 ch
2 ch
Watchdog timer
1 ch
CSI
1 ch
1 ch
UART
1 ch
1 ch
CSI/UART
2 ch
2 ch
3 ch
1 ch
Serial
interface
UART/I
2C
1 ch
Note 2
10-bit A/D converter
8 ch
4 ch
8 ch
8 ch
8-bit D/A converter
2 ch
DMA controller
4 ch
4 ch
4 ch
4 ch
CMOS input
9
5
11
7
Ports
CMOS I/O
106
74
101
77
Debug functions
Provided (RUN, break)
Provided (RUN, break,
trace)
Other peripheral functions
PWM
× 2 ch
ROM correction function USB function, SSCG,
PWM
× 2 ch
Power supply voltage
3.0 to 3.6 V
2.3 to 2.7 V (internal)
3.0 to 3.6 V (external)
1.5 V (internal)
3.3 V (external)
Power consumption
(mask version TYP.)
528 mW
416 mW
575 mW
200 mW
Package
144-pin LQFP (20
× 20)
161-pin FBGA (13
× 13)
100-pin LQFP (14
× 14) 144-pin LQFP (20 × 20)
161-pin FBGA (13
× 13)
176-pin LQFP (20
× 20)
240-pin FBGA (16
× 16)
Operating ambient
temperature
TA =
−40 to +85°C
TA =
−40 to +85°C
(@133 MHz)
TA =
−40 to +70°C
(@150 MHz)
Notes 1. The figure in parentheses indicates the number of external interrupts that can release STOP mode.
2. Available only in on-chip I
2C products (Y products).


Similar Part No. - UPD703103A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD703100-33 RENESAS-UPD703100-33 Datasheet
680Kb / 84P
   MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD703100-40 NEC-UPD703100-40 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD703100-40 RENESAS-UPD703100-40 Datasheet
680Kb / 84P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD703103A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com