Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSU03B60 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # NSU03B60
Description  FRD - Ultra Fast Recovery
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

NSU03B60 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  NSU03B60 Datasheet HTML 1Page - Nihon Inter Electronics Corporation NSU03B60 Datasheet HTML 2Page - Nihon Inter Electronics Corporation NSU03B60 Datasheet HTML 3Page - Nihon Inter Electronics Corporation NSU03B60 Datasheet HTML 4Page - Nihon Inter Electronics Corporation NSU03B60 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
OUTLINE DRAWING
Maximum Ratings
Approx Net Weight:016g
Rating
Symbol
NSU03B60
Unit
Repetitive Peak Reverse Voltage
VRRM
600
V
0.76 Ta=25
°C
*1
Average Rectified Output Current
IO
3.0
T1=58
°C *2
50Hz Half Sine
Wave Resistive Load
A
RMS Forward Current
IF(RMS)
4.71
A
Surge Forward Current
IFSM
35
50Hz Half Sine Wave,1cycle
Non-repetitive
A
Operating JunctionTemperature Range
Tjw
-40 to +150
°C
Storage Temperature Range
Tstg
-40 to +150
°C
Electrical
• Thermal Characteristics
Characteristics
Symbol
Conditions
Min.
Typ.
Max.
Unit
Peak Reverse Current
IRM
Tj= 25
°C, VRM= VRRM
-
-
20
µA
Peak Forward Voltage
VFM
Tj= 25
°C, IFM= 3.0A
-
2.2
2.7
V
Reverse Recovery Time
trr
Ta= 25
°C, IFM=3 A –di/dt=50A/µs
17
27
ns
Rth(j-a) Junction to Ambient *1
-
-
89
Thermal Resistance
Rth(j-l) Junction to Lead
-
-
13
°C /W
*1 Alumina Substrate Mounted (Soldering Lands=2x3.5mm,Both Sides)
*2 Tl= Lead Temperature
FRD Type :
NSU
NSU
NSU
NSU03
03
03
03B
B
B
B60
60
60
60
FEATURES
FEATURES
FEATURES
FEATURES
* FLAT-PAK Surface Mount Device
* Ultra Fsat Recovery
* Packaged in 16mm Tape and Reel
* Not Rolling During Assembly
* For Power Factor Improvement High Frequency
Rectification


Similar Part No. - NSU03B60

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NSU03B60 NI-NSU03B60_15 Datasheet
107Kb / 1P
   FRED
More results

Similar Description - NSU03B60

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
NSU03A60 NIEC-NSU03A60 Datasheet
65Kb / 5P
   FRD - Ultra Fast Recovery
logo
Shenzhen Luguang Electr...
MUR2060CT LUGUANG-MUR2060CT Datasheet
1Mb / 4P
   Ultra-Fast Recovery Diodes 20A FRD Pt
Revision:20170701-P1
MUR1660 LUGUANG-MUR1660 Datasheet
2Mb / 4P
   Ultra-Fast Recovery Diodes 16A FRD Pt
Revision:20170701-P1
MUR8120 LUGUANG-MUR8120 Datasheet
1Mb / 4P
   Ultra-Fast Recovery Diodes 8A FRD Pt
Revision:20220701-P1
MUR1640 LUGUANG-MUR1640 Datasheet
1Mb / 3P
   Ultra-Fast Recovery Diodes 16A FRD Pt
Revision:20170701-P1
MURH2020 LUGUANG-MURH2020 Datasheet
1Mb / 4P
   Ultra-Fast Recovery Diodes 20A FRD Pt
Revision:20170701-P1
UF2060CT LUGUANG-UF2060CT Datasheet
2Mb / 4P
   Ultra-Fast Recovery Diodes 20A FRD Pt
Revision:20170701-P1
MUR1560B LUGUANG-MUR1560B Datasheet
1Mb / 4P
   Ultra-Fast Recovery Diodes 15A FRD Pt
Revision:20220701-P1
MUR15100 LUGUANG-MUR15100 Datasheet
2Mb / 4P
   Ultra-Fast Recovery Diodes 15A FRD Pt
Revision:20170701-P1
MUR1620 LUGUANG-MUR1620 Datasheet
933Kb / 4P
   Ultra-Fast Recovery Diodes 16A FRD Pt
Revision:20220621-1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com