Electronic Components Datasheet Search |
|
UPSD3233B-40U1T Datasheet(PDF) 1 Page - STMicroelectronics |
|
UPSD3233B-40U1T Datasheet(HTML) 1 Page - STMicroelectronics |
1 / 8 page 1/8 DATA BRIEFING June 2002 Complete data available on Data-on-Disc CD-ROM or at www.st.com . µPSD3200 FAMILY Flash Programmable System Device with 8032 Microcontroller Core FEATURES SUMMARY s The µPSD3200 Family combines a Flash PSD architecture with an 8032 microcontroller core The µPSD3200 Family of Flash PSDs features dual banks of Flash memory, SRAM, general purpose I/O and programmable logic, supervi- sory functions and access via USB, I 2C, ADC, DDC and PWM channels, and an on-board 8032 microcontroller core, with two UARTs, three 16-bit Timer/Counters and one External Interrupt. As with other Flash PSD families, the µPSD3200 Family is also in-system program- mable (ISP) via a JTAG ISP interface. s Large 8 KByte SRAM with battery back-up option s Dual bank Flash memories – 128 KByte or 256 KByte main Flash memory – 32 KByte secondary Flash memory s Content Security – Block access to Flash memory s Programmable Decode PLD for flexible address mapping of all memories. s High-speed clock standard 8032 core (12-cycle) s USB Interface ( µPSD3234A-40U6 only) s I2C interface for peripheral connections s Five Pulse Width Modulator (PWM) channels s Standalone Display Data Channel (DDC) s Six I/O ports with up to 50 I/O pins s 3000 gate PLD with 16 macrocells s Supervisor functions s In-System Programming (ISP) via JTAG s Zero-Power Technology s Single Supply Voltage – 4.5 to 5.5 V – 3.0 to 3.6 V Figure 1. Packages TQF P52 (T) TQFP80 (U) |
Similar Part No. - UPSD3233B-40U1T |
|
Similar Description - UPSD3233B-40U1T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |