Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAH20016 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PAH20016
Description  THYRISTOR MODULE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PAH20016 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PAH20016 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PAH20016 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PAH20016 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PAH20016 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PAH20016 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
THYRISTOR MODULE
Maximum Ratings
Approx Net Weight:500g
Grade
Parameter
Parameter
Parameter
Parameter
Symbol
PAT/PAH20012
PAT/PAH20016
Unit
Repetitive Peak Off-State Voltage
VDRM
1200
1600
Non Repetitive Peak Off-State Voltage
VDSM
1300
1700
V
Repetitive Peak Reverse Voltage
VRRM
1200
1600
Non Repetitive Peak Reverse Voltage
VRSM
1300
1700
V
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Max Rated
Max Rated
Max Rated
Max Rated
Value
Value
Value
Value
Unit
Average Rectified Output Current
IO(AV)
50Hz Half Sine Wave condition
Tc=75
°C
200
A
RMS On-State Current
IT(RMS)
314
A
Surge On-State Current
ITSM
50 Hz Half Sine Wave,1Pulse
Non-Repetitive
4000
A
I Squared t
I2t
2msec to 10msec
80000
A2s
Critical Rate of Turned-On Current
di/dt
VD=2/3VDRM, ITM=2IO, Tj=125
°C
IG=300mA, diG/dt=0.2A/
µs
100
A/
µs
Peak Gate Power
PGM
5
W
Average Gate Power
PG(AV)
1
W
Peak Gate Current
IGM
2
A
Peak Gate Voltage
VGM
10
V
Peak Gate Reverse Voltage
VRGM
5
V
Operating JunctionTemperature Range
Tjw
-40 to +125
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Isoration Voltage
Viso
Base Plate to Terminals, AC1min
2500
V
Case mounting
M6 Screw
2.5 to 3.5
Mounting torque
Terminals
Ftor
M8 Screw
9.0 to 10.0
Nm
Value per 1 Arm
FEATURES
* Isolated Base
* Dual Thyristors or Thyristor and Diode
Anti-Parallel Circuit
* High Surge Capability
* UL Recognized, File No. E187184
TYPICAL APPLICATIONS
* Rectified For General Use
PAT 2001 2 PAT 2001 6
PAT 2001 2 PAT 2001 6
PAT 2001 2 PAT 2001 6
PAT 2001 2 PAT 2001 6
PAH20012 PAH20016
PAH20012 PAH20016
PAH20012 PAH20016
PAH20012 PAH20016
OUTLINE DRAWING
200A / 1200V to 1600V
PAT
PAH


Similar Part No. - PAH20016

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
PAH20016 KSS-PAH20016 Datasheet
968Kb / 3P
   Thyristor
More results

Similar Description - PAH20016

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
   THYRISTOR-THYRISTOR MODULE
logo
Naina Semiconductor ltd...
160NTT NAINA-160NTT Datasheet
117Kb / 2P
   Thyristor - Thyristor Module
70NTT NAINA-70NTT Datasheet
125Kb / 2P
   Thyristor - Thyristor Module
logo
SEMPO ELECTRONIC Limite...
SMTT-160I SEMPO-SMTT-160I Datasheet
61Kb / 1P
   THYRISTOR-THYRISTOR MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com