Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC899QCX Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74AC899QCX
Description  9-Bit Latchable Transceiver with Parity Generator/Checker
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74AC899QCX Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button 74AC899QCX Datasheet HTML 6Page - National Semiconductor (TI) 74AC899QCX Datasheet HTML 7Page - National Semiconductor (TI) 74AC899QCX Datasheet HTML 8Page - National Semiconductor (TI) 74AC899QCX Datasheet HTML 9Page - National Semiconductor (TI) 74AC899QCX Datasheet HTML 10Page - National Semiconductor (TI) 74AC899QCX Datasheet HTML 11Page - National Semiconductor (TI) 74AC899QCX Datasheet HTML 12Page - National Semiconductor (TI) 74AC899QCX Datasheet HTML 13Page - National Semiconductor (TI) 74AC899QCX Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AC Electrical Characteristics
74AC
74AC
VCC
TA ea25 C
TA eb40 C
Fig
Symbol
Parameter
(V)
CL e 50 pF
to a85 C
Units
No
CL e 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
33
25
120
150
25
155
ns
1
tPHL
An Bn to Bn An
50
15
70
100
15
105
tPLH
Propagation Delay
33
25
95
120
25
125
ns
1
tPHL
APAR BPAR to BPAR APAR
50
15
55
80
15
85
tPLH
Propagation Delay
33
30
135
165
30
170
ns
2
tPHL
An Bn to BPAR APAR
50
20
80
110
20
115
tPLH
Propagation Delay
33
25
125
155
25
165
ns
3
tPHL
An Bn to ERRA ERRB
50
15
75
105
15
110
tPLH
Propagation Delay
33
25
125
155
25
165
ns
4
tPHL
ODDEVEN to ERRA ERRB
50
15
75
105
15
110
tPLH
Propagation Delay
33
30
125
155
30
165
ns
5
tPHL
ODDEVEN to APAR BPAR
50
20
75
105
20
110
tPLH
Propagation Delay
33
20
125
155
20
165
ns
6
tPHL
APAR BPAR to ERRA ERRB
50
15
75
105
15
110
tPLH
Propagation Delay
33
20
100
125
20
135
ns
9
tPHL
SEL to APAR BPAR
50
15
60
85
15
90
tPLH
Propagation Delay
33
40
120
155
40
165
ns
10 11
tPHL
LEB LEA to An Bn
50
25
70
105
25
110
tPLH
Propagation Delay
33
30
135
170
30
180
ns
10 11
tPHL
LEB LEA to APAR BPAR
50
20
80
115
20
120
tPLH
Propagation Delay
33
40
135
170
40
180
ns
12
tPHL
LEB LEA to ERRA ERRB
50
25
80
115
25
120
tPZH
Output Enable Time
33
30
125
155
30
165
ns
7 8
tPZL
GBA GAB to An Bn
50
20
75
105
20
110
tPZH
Output Enable Time
33
25
105
135
25
140
ns
7 8
tPZL
GBA GAB to APAR BPAR
50
15
60
90
15
95
tPHZ
Output Disable Time
33
15
110
140
15
140
ns
7 8
tPLZ
GBA GAB to An Bn
50
10
65
95
10
95
tPHZ
Output Disable Time
33
15
110
140
15
140
ns
7 8
tPHL
GBA GAB to APAR BPAR
50
10
65
95
10
95
Voltage Range 50 is 50V g05V
Voltage Range 33 is 33V g03V
10


Similar Part No. - 74AC899QCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC821 FAIRCHILD-74AC821 Datasheet
79Kb / 8P
   10-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
74AC843 NSC-74AC843 Datasheet
154Kb / 10P
   9-Bit Transparent Latch
logo
STMicroelectronics
74AC86 STMICROELECTRONICS-74AC86 Datasheet
68Kb / 7P
   QUAD EXCLUSIVE OR GATE
April 1997
logo
Fairchild Semiconductor
74AC86 FAIRCHILD-74AC86 Datasheet
81Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
STMicroelectronics
74AC86 STMICROELECTRONICS-74AC86 Datasheet
186Kb / 9P
   QUAD EXCLUSIVE OR GATE
More results

Similar Description - 74AC899QCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
National Semiconductor ...
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
logo
National Semiconductor ...
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
   9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com