Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXSR40N60BD1 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXSR40N60BD1
Description  IGBT with Diode ISOPLUS 247 (Electrically Isolated Backside)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSR40N60BD1 Datasheet(HTML) 1 Page - IXYS Corporation

  IXSR40N60BD1 Datasheet HTML 1Page - IXYS Corporation IXSR40N60BD1 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 - 2
© 2000 IXYS All rights reserved
IXYS reserves the right to change limits, test conditions, and dimensions.
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
600
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MW
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25
°C70
A
I
C90
T
C
= 90
°C40
A
I
CM
T
C
= 25
°C, 1 ms
150
A
SSOA
V
GE= 15 V, TVJ = 125°C, RG = 22 W
I
CM = 80
A
(RBSOA)
Clamped inductive load, L = 30
mH
@ 0.8 V
CES
t
SC
V
GE= 15 V, VCE = 360 V, TJ = 125°C
10
ms
(SCSOA)
R
G = 22 W, non repetitive
P
C
T
C
= 25
°C
170
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
V
ISOL
50/60 Hz, RMS
t = 1 min leads-to housing
2500
V~
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
Weight
5g
V
CES
= 600 V
I
C25
= 70 A
V
CE(sat)
= 2.2 V
t
fi(typ)
= 120 ns
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
BV
CES
I
C
= 1 mA, V
GE = 0 V
600
V
V
GE(th)
I
C
= 4 mA, V
CE = VGE
47
V
I
CES
V
CE
= 0.8 • V
CES
T
J =
25
°C
650
mA
V
GE = 0 V
T
J = 150°C5
mA
I
GES
V
CE
= 0 V, V
GE = ±20 V
±100
nA
V
CE(sat)
I
C
= I
T, VGE = 15 V
2.2
V
98672 (07/00)
IGBT with Diode
ISOPLUS 247TM
(Electrically Isolated Backside)
Short Circuit SOA Capability
Advanced Technical Information
Features
• DCB Isolated mounting tab
• Meets TO-247AD package Outline
• High current handling capability
• Latest generation HDMOSTM process
• MOS Gate turn-on
- drive simplicity
Applications
• Uninterruptible power supplies (UPS)
• Switched-mode and resonant-mode
power supplies
• AC motor speed control
• DC servo and robot drives
• DC choppers
Advantages
• Easy assembly
• High power density
• Very fast switching speeds for high
frequency applications
ISOPLUS 247TM
G
C
Isolated backside*
E 153432
E
G = Gate,
C = Collector,
E = Emitter
* Patent pending
IXSR 40N60BD1


Similar Part No. - IXSR40N60BD1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSR40N60CD1 IXYS-IXSR40N60CD1 Datasheet
39Kb / 2P
   IGBT with Diode ISOPLUS247
More results

Similar Description - IXSR40N60BD1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSR35N120BD1 IXYS-IXSR35N120BD1 Datasheet
74Kb / 2P
   IGBT with Diode ISOPLUS 247 (Electrically Isolated Backside)
IXGR40N60B IXYS-IXGR40N60B Datasheet
58Kb / 2P
   HiPerFASTTM IGBT (Electrically Isolated Backside)
IXGR39N60B IXYS-IXGR39N60B Datasheet
519Kb / 2P
   HiPerFASTTM IGBT (Electrically Isolated Backside)
IXER60N120 IXYS-IXER60N120_06 Datasheet
268Kb / 4P
   NPT3 IGBT in ISOPLUS 247
IXFR4N100Q IXYS-IXFR4N100Q Datasheet
81Kb / 2P
   HiPerFET Power MOSFETs ISOPLUS247 (Electrically Isolated Backside)
IXFL34N100 IXYS-IXFL34N100 Datasheet
117Kb / 2P
   HiPerFETTM Power MOSFETs ISOPLUS264(Electrically Isolated Backside)
IXGR16N170AH1 IXYS-IXGR16N170AH1 Datasheet
528Kb / 2P
   High Voltage IGBT with Diode Electrically Isolated Tab
IXFC15N80Q IXYS-IXFC15N80Q Datasheet
517Kb / 2P
   HiPerFET ISOPLUS 220 MOSFET Q-Class Electrically Isolated Back Surface
IXGR60N60U1 IXYS-IXGR60N60U1 Datasheet
118Kb / 5P
   LowV-CE(sat) IGBT with Diode ISOPLUS247-TM (Electrically Isolated Back Surface)
IXGR50N60A2U1 IXYS-IXGR50N60A2U1 Datasheet
150Kb / 6P
   Low Saturation Voltage IGBT with Low Forward Drop Diode Electrically Isolated Mounting Tab
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com