Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT7745 Datasheet(PDF) 4 Page - Texas Instruments

Part # PT7745
Description  20-A Programmable Integrated Switching Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT7745 Datasheet(HTML) 4 Page - Texas Instruments

  PT7745 Datasheet HTML 1Page - Texas Instruments PT7745 Datasheet HTML 2Page - Texas Instruments PT7745 Datasheet HTML 3Page - Texas Instruments PT7745 Datasheet HTML 4Page - Texas Instruments PT7745 Datasheet HTML 5Page - Texas Instruments PT7745 Datasheet HTML 6Page - Texas Instruments PT7745 Datasheet HTML 7Page - Texas Instruments PT7745 Datasheet HTML 8Page - Texas Instruments PT7745 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT7710 Family, PT7744/PT7745
Capacitor Recommendations for
the PT7710
Series of Regulators and Current Boosters
Input Capacitors
The recommended input capacitance is determined by the
1.4 ampere minimum ripple current rating and 1500µF
minimum capacitance. Capacitors listed below must be
rated for a minimum of twice (2
×) the input voltage with
+5V operation. Ripple current and
≤100mΩ Equivalent
Series Resistance (ESR) values are the major consider-
ations along with temperature when selecting the proper
capacitor.
Output Capacitors
The minimum required output capacitance is 330µF with
a maximum ESR less than or equal to 100m
Ω. Failure to
observe this requirement may lead to regulator instability or
oscillation. Electrolytic capacitors have poor ripple perfor-
mance at frequencies greater than 400kHz, but excellent low
frequency transient response. Above the ripple frequency
ceramic decoupling capacitors are necessary to improve the
transient response and reduce any microprocessor high
frequency noise components apparent during higher current
excursions. Preferred low ESR type capacitor part numbers
are identified in the Table 1-1 below.
Note: (N/R) is not recommended for this application, due to extremely low Equivalent Series Resistance (ESR)
Table 1-1 Capacitors Characteristic Data
Tantalum Characteristics
Tantalum capacitors with a minimum 10-V rating are
recommended on the output bus, but only the AVX TPS
Series, Sprague 594/595 Series, or Kemet T495/T510
Series. These AVX, Sprague, and Kemet capacitors are
specified over other types due to their higher surge cur-
rent, excellent power dissipation and ripple current ratings.
As a caution, the TAJ Series by AVX is not recommended.
This series exhibits considerably higher ESR, reduced power
dissipation and lower ripple current capability. The TAJ
series is also less reliable compared to the TPS series when
determining power dissipation capability.
Capacitor Table
Table 1-1 identifies the characteristics of capacitors from a
number of vendors with acceptable ESR and ripple current
(rms) ratings. The suggested minimum quantities per
regulator for both the input and output buses are identified.
This is not an extensive capacitor list. Capacitors from
other vendors are available with comparible specifications.
The RMS ripple current rating and ESR (Equivalent Series
Resistance at 100kHz) are the critical parameters necessary
to insure both optimum regulator performance and long
capacitor life.
r
o
t
i
c
a
p
a
C
/
r
o
d
n
e
V
s
e
i
r
e
S
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cy
t
i
t
n
a
u
Q
g
n
i
k
r
o
W
e
g
a
t
l
o
V
)
F
µ
(
e
u
l
a
Vt
n
e
l
a
v
i
u
q
E
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
m
u
m
i
x
a
M
C
°
5
0
1
e
l
p
p
i
R
)
s
m
r
I
(
t
n
e
r
r
u
C
l
a
c
i
s
y
h
P
)
m
m
(
e
z
i
S
t
u
p
n
I
s
u
B
t
u
p
t
u
O
s
u
B
r
e
b
m
u
N
r
o
d
n
e
V
c
i
n
o
s
a
n
a
P
)
T
M
S
(
C
F
)
l
a
i
d
a
R
(
C
F
V
6
1
V
5
3
V
0
1
V
6
1
0
0
2
2
0
3
3
0
6
5
0
0
8
1
8
3
0
.
0
5
6
0
.
0
0
9
0
.
0
2
3
0
.
0
A
m
0
0
0
2
A
m
5
0
2
1
A
m
5
5
7
A
m
0
0
0
2
5
.
6
1
x
8
1
5
.
6
1
x
5
.
2
1
5
.
2
1
x
0
1
5
1
x
8
1
1
1
1
1
1
1
N
2
2
2
C
1
C
F
V
E
E
Q
L
1
3
3
V
1
C
F
V
E
E
1
6
5
A
1
C
F
U
E
E
S
2
8
1
C
1
C
F
U
E
E
d
e
t
i
n
U
n
o
C
-
i
m
e
h
C
s
e
i
r
e
S
Z
F
L
V
5
2
V
6
1
V
6
1
0
3
3
0
0
5
1
0
7
4
0
9
0
.
0
8
3
0
.
0
0
9
0
.
0
A
m
0
6
7
A
m
0
6
6
1
A
m
0
6
7
5
.
2
1
x
0
1
0
2
x
5
.
2
1
5
.
2
1
x
0
1
1
1
1
1
L
L
2
1
X
0
1
M
1
3
3
B
V
5
2
Z
X
L
L
L
0
2
X
2
1
M
2
2
2
B
V
6
1
Z
X
L
L
L
2
1
X
0
1
M
1
7
4
B
V
6
1
Z
X
L
n
o
c
i
h
c
i
N
s
e
i
r
e
S
L
P
s
e
i
r
e
S
M
P
V
0
1
V
0
1
V
5
2
0
8
6
0
0
8
1
0
3
3
0
9
0
.
0
4
4
0
.
0
5
9
0
.
0
A
m
0
7
7
A
m
0
2
4
1
A
m
0
5
7
5
1
x
0
1
5
1
x
6
1
5
1
x
0
1
1
1
1
1
6
H
H
M
1
8
6
A
1
L
P
U
6
H
H
M
2
8
1
A
1
L
P
U
6
H
P
M
1
3
3
E
1
L
P
U
n
o
c
s
O
)
l
a
i
d
a
R
(
S
S
)
T
M
S
(
P
V
S
V
0
1
V
0
1
0
3
3
0
3
3
5
2
0
.
0
÷
6
0
0
.
0
=
4
2
0
.
0
÷
5
0
0
.
0
=
4
A
m
0
0
8
9
>
A
m
0
0
8
9
>
5
.
0
1
x
0
1
3
.
8
x
9
4
4
R
/
N
)
e
t
o
N
(
M
0
3
3
S
S
0
1
M
0
3
3
P
V
S
0
1
X
V
A
m
u
l
a
t
a
n
a
T
s
e
i
r
e
S
-
S
P
T
V
0
1
V
0
1
0
3
3
0
3
3
1
.
0
÷
2
0
.
0
=
5
6
0
.
0
A
m
0
0
5
3
A
m
6
2
8
1
x
L
3
.
7
x
W
3
.
4
H
1
.
4
5
5
1
1
0
0
1
0
R
0
1
0
M
7
3
3
V
S
P
T
0
6
0
0
R
0
1
0
M
7
3
3
V
S
P
T
e
u
g
a
r
p
S
m
u
l
a
t
n
a
T
D
4
9
5
/
D
5
9
5
V
0
1
V
0
1
0
3
3
0
8
6
5
4
0
.
0
÷
1
1
0
.
0
=
4
9
0
.
0
A
m
0
0
5
4
>
A
m
0
6
6
1
>
x
L
3
.
7
x
W
7
.
5
H
0
.
4
5
2
1
1
T
2
R
0
1
0
0
X
7
3
3
D
4
9
5
T
2
R
0
1
0
0
X
7
8
6
D
5
9
5
)
t
n
u
o
M
e
c
a
f
r
u
S
(
t
e
m
e
K
m
u
l
a
t
n
a
T
5
9
4
T
/
0
1
5
T
s
e
i
r
e
S
V
0
1
V
0
1
0
3
3
0
2
2
5
3
0
.
0
7
0
.
0
÷
5
3
0
.
0
=
2
A
m
0
0
0
2
A
m
0
0
0
2
>
L
3
.
7
x
W
3
.
4
H
0
.
4
x
5
6
1
2
S
A
0
1
0
M
7
3
3
X
0
1
5
S
A
0
1
0
M
7
2
2
X
5
9
4
T
)
t
n
u
o
M
e
c
a
f
r
u
S
(
p
a
c
s
o
P
o
y
n
a
S
B
P
T
V
0
10
2
24
0
.
0
A
m
0
0
0
3x
L
2
.
7
x
W
3
.
4
H
1
.
3
62
M
0
2
2
B
P
T
0
1
)
t
n
u
o
M
e
c
a
f
r
u
S
(


Similar Part No. - PT7745

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7745 TI1-PT7745 Datasheet
189Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7745 TI1-PT7745 Datasheet
193Kb / 9P
[Old version datasheet]   20-A Low-Voltage Programmable Integrated Switching Regulator
More results

Similar Description - PT7745

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7713 TI1-PT7713 Datasheet
189Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7712 TI-PT7712 Datasheet
165Kb / 8P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7716 TI1-PT7716 Datasheet
193Kb / 9P
[Old version datasheet]   20-A Low-Voltage Programmable Integrated Switching Regulator
PT7615 TI-PT7615 Datasheet
172Kb / 7P
[Old version datasheet]   20-A Low-Voltage Programmable Integrated Switching Regulator
PT8139 TI1-PT8139 Datasheet
190Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671 TI1-PT7671 Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7761-5V TI-PT7761-5V Datasheet
179Kb / 8P
[Old version datasheet]   40-A Programmable Integrated Switching Regulator Module
PT6722 TI-PT6722 Datasheet
166Kb / 7P
[Old version datasheet]   14-A Low-Voltage Programmable Integrated Switching Regulator
PT7673 TI1-PT7673 Datasheet
187Kb / 9P
[Old version datasheet]   30-A 5-Bit Programmable Integrated Switching Regulator
PT6703 TI-PT6703 Datasheet
168Kb / 7P
[Old version datasheet]   13-A Low-Voltage Programmable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com