Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74FCT162827CT Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74FCT162827CT
Description  Fast CMOS 20-Bit Buffers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT162827CT Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74FCT162827CT Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT162827CT Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT162827CT Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT162827CT Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT162827CT Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT162827CT Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT162827CT Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PI74FCT16827T/162827/162H827T
20-BIT BUFFERS
4
PS2041A 03/11/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT16827T Output Drive Characteristics (Over the Operating Range)
Parameters Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
VOH
Output HIGH Voltage
VCC = Min., VIN = VIH or VIL
IOH = –3.0 mA
2.5
3.5
V
IOH = –15.0 mA
2.4
3.5
IOH = –32.0 mA
2.0
3.0
VOL
Output LOW Voltage
VCC = Min., VIN = VIH or VIL
IOL = 64 mA
0.2
0.55
V
IOFF
Power Down Disable
VCC = 0V, VIN or VOUT
≤ 4.5V
±100
µA
PI74FCT162827T/162H827T Output Drive Characteristics (Over the Operating Range)
Parameters
Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
VOH
Output HIGH Voltage
VCC = Min., VIN = VIH or VIL
IOH = –24.0 mA
2.4
3.3
V
VOL
Output LOW Voltage
VCC = Min., VIN = VIH or VIL
IOL = 24 mA
0.3
0.55
V
IODL
Output LOW Current
VCC = 5V, VIN = VIH OR VIL, VOUT = 1.5V(3)
60
115
150
mA
IODH
Output HIGH Current
VCC = 5V, VIN = VIH OR VIL, VOUT = 1.5V(3)
–60
–115
–150
mA
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 5.0V, +25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. This parameter is determined by device characterization but is not production tested.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(4)
Description
Test Conditions
Typ
Max.
Units
CIN
Input Capacitance
VIN = 0V
4.5
6
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8
pF


Similar Part No. - PI74FCT162827CT

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162823AT PERICOM-PI74FCT162823AT Datasheet
80Kb / 8P
   Fast CMOS 18-Bit Registers
PI74FCT162823BT PERICOM-PI74FCT162823BT Datasheet
80Kb / 8P
   Fast CMOS 18-Bit Registers
PI74FCT162823CT PERICOM-PI74FCT162823CT Datasheet
80Kb / 8P
   Fast CMOS 18-Bit Registers
PI74FCT162823DT PERICOM-PI74FCT162823DT Datasheet
80Kb / 8P
   Fast CMOS 18-Bit Registers
PI74FCT162823ET PERICOM-PI74FCT162823ET Datasheet
80Kb / 8P
   Fast CMOS 18-Bit Registers
More results

Similar Description - PI74FCT162827CT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16827AT IDT-IDT74FCT16827AT Datasheet
120Kb / 8P
   FAST CMOS 20-BIT BUFFERS
logo
Recom International Pow...
PI74LPT16827 RECOM-PI74LPT16827 Datasheet
49Kb / 5P
   Fast CMOS 3.3V 20-Bit Buffers
logo
Pericom Semiconductor C...
PI74FCT827T PERICOM-PI74FCT827T Datasheet
105Kb / 5P
   Fast CMOS 10-Bit Buffers
logo
Integrated Device Techn...
IDT74FCT827AT IDT-IDT74FCT827AT Datasheet
127Kb / 7P
   FAST CMOS 10-BIT BUFFERS
logo
Pericom Semiconductor C...
PI74LCX827 PERICOM-PI74LCX827 Datasheet
152Kb / 7P
   Fast CMOS 3.3V 10-Bit Buffers
logo
Renesas Technology Corp
IDT74FCT162827AT RENESAS-IDT74FCT162827AT Datasheet
235Kb / 8P
   FAST CMOS 20-BIT BUFFER
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT16841T PERICOM-PI74FCT16841T Datasheet
63Kb / 6P
   Fast CMOS 20-Bit Transparent Latch
logo
Integrated Device Techn...
IDT74FCT16841AT IDT-IDT74FCT16841AT Datasheet
135Kb / 9P
   FAST CMOS 20-BIT TRANSPARENT LATCHES
IDT74FCT3827A IDT-IDT74FCT3827A Datasheet
102Kb / 7P
   3.3V CMOS 10-BIT BUFFERS
logo
Texas Instruments
CY74FCT16827T TI-CY74FCT16827T Datasheet
62Kb / 7P
[Old version datasheet]   20-Bit Buffers/Line Drivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com