Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX5545G0082V8T1E2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FX5545G0082V8T1E2
Description  Low Profile 3mm DC/DC Buck Converter 0.8V to 4.5V, 3A with 380W/in3 Power Density Efficiency up to 95%
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FX5545G0082V8T1E2 Datasheet(HTML) 2 Page - Vishay Siliconix

  FX5545G0082V8T1E2 Datasheet HTML 1Page - Vishay Siliconix FX5545G0082V8T1E2 Datasheet HTML 2Page - Vishay Siliconix FX5545G0082V8T1E2 Datasheet HTML 3Page - Vishay Siliconix FX5545G0082V8T1E2 Datasheet HTML 4Page - Vishay Siliconix FX5545G0082V8T1E2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 10126
For technical questions, contact FunctionPAK@vishay.com
For marketing questions, contact FunctionPAK.marketing@vishay.com
www.vishay.com
Revision: 01-Mar-05
23
FX5545G008
Vishay
DIMENSIONS in inches [millimeters]
L
0.58 ± 0.01
[14.7 ± 0.25]
W
0.48 ± 0.01
[12.2 ± 0.25]
A
0.1 ± 0.01
[2.54 ± 0.25]
B
0.09 ± 0.01
[2.29 ± 0.25]
C
0.09 ± 0.01
[2.27 ± 0.25]
T
0.126 max
[3.2 max]
Ball Diameter
0.03 ± 0.001
[0.762 ± 0.025]
W
C
A
*Note: Pin Description application note is available at
www.vishay.com/doc?10119
For adjustable version please refer to Self Selectable Output Voltage
application note which is available at www.vishay.com/doc?10116
**Note: if not used must be connected ti Vin.
***Note: N/C - If the output voltage is 0.9V and higher. For output
voltage of 0.8V connect Vref to MCL4448 (Vishay RF PIN Diode).
BOTTOM SIDE
20 19 18 17
16 15 14 13
12 11 10 9
876 5
4 32 1
Marked on Upper Side
PIN CONFIGURATION*
PIN
CONNECTION
1, 2
SD
3, 7
SYNC**
4, 8
Vref***
5, 9
Vin
6, 10
PWM/PSM
11, 12
N/C
13, 17
GND
14, 18
Vout
15, 19
N/C
16, 20
GND
Pin Configuration for Vo = 0.8V
Pin Configuration for Vo = 0.9V - 4.5V
RECOMMENDED PAD PATTERN in inches [millimeters]
AD
F
0.1 ± 0.01
[2.54 ± 0.25]
0.03 ± 0.001
[0.8 ± 0.02]
0.02 ± 0.001
[0.5 ± 0.02]
D
A
F
A
1
TAPE AND REEL
See Tape and Reel Information - Type B


Similar Part No. - FX5545G0082V8T1E2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FX5545G005 VISHAY-FX5545G005 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B1 VISHAY-FX5545G0052V7B1 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B1E2 VISHAY-FX5545G0052V7B1E2 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B5 VISHAY-FX5545G0052V7B5 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B5E2 VISHAY-FX5545G0052V7B5E2 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
More results

Similar Description - FX5545G0082V8T1E2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FX5545G108 VISHAY-FX5545G108 Datasheet
567Kb / 6P
   The Smallest and Low Profile 0.9V to 4.5V, 4A with 570W/in^3 Power Density Efficiency up to 95% DC/DC Buck Converter
Revision: 21-Jan-05
logo
Maxim Integrated Produc...
MAX17686 MAXIM-MAX17686 Datasheet
866Kb / 19P
   4.5V to 60V Input, High-Efficiency, Iso-Buck DC-DC Converter
Rev 1; 4/19
MAX17524 MAXIM-MAX17524_V01 Datasheet
1Mb / 25P
   4.5V to 60V, Dual 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter
2019
MAX17574 MAXIM-MAX17574_V01 Datasheet
1Mb / 21P
   4.5V to 60V, 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
MAX17687 MAXIM-MAX17687 Datasheet
751Kb / 19P
   4.5V to 60V Input, Ultra-Small, High-Efficiency, Iso-Buck DC-DC Converter
Rev 0; 12/18
logo
List of Unclassifed Man...
XL2596 ETC2-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
logo
XLSEMI
XL1583 XLSEMI-XL1583 Datasheet
190Kb / 9P
   3A 380KHz 23V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL1530 ETC2-XL1530 Datasheet
251Kb / 9P
   3A 380KHz 18V Buck DC to DC Converter
logo
XLSEMI
XL2596 XLSEMI-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
XL1507 XLSEMI-XL1507 Datasheet
324Kb / 12P
   3A 150KHz 40V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com