Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX5545G0182V9T1E2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # FX5545G0182V9T1E2
Description  Low Profile 3mm DC/DC Buck Converter 0.8V to 4.5V, 3A with 380W/in3 Power Density Efficiency up to 95%
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FX5545G0182V9T1E2 Datasheet(HTML) 3 Page - Vishay Siliconix

  FX5545G0182V9T1E2 Datasheet HTML 1Page - Vishay Siliconix FX5545G0182V9T1E2 Datasheet HTML 2Page - Vishay Siliconix FX5545G0182V9T1E2 Datasheet HTML 3Page - Vishay Siliconix FX5545G0182V9T1E2 Datasheet HTML 4Page - Vishay Siliconix FX5545G0182V9T1E2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact FunctionPAK@vishay.com
For marketing questions, contact FunctionPAK.marketing@vishay.com
Document Number: 10126
24
Revision: 01-Mar-05
FX5545G008
Vishay
*Note: WD = Power Dissipated
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
UNIT
CONDITION
MIN
TYP
MAX
Input
Voltage Range
VDC
2.5
6
Quiescent Current
µA
PSM mode
200
Soft Start Time
ms
TSS for Vout = 3.3V
4
TSS for Vout = 1.2V
2.6
SD, PWM/PSM,SYNC
Logic High
V
VH
2.4
Logic Low
V
VL
0.8
Normal Mode
µA
IDD
750
PSM Mode
µA
IDD
250
Shutdown Mode
µA
IDD
1
Shutdown Time
ms
TSS for Vout = 3.3V
4
TSS for Vout = 1.2V
0.6
Insulation
Test Voltage
VAC
60Hz 60sec
750
Resistance
Ω
VISO = 500 VDC
1 x 1011
Leakage Current
nA
VISO = 500 VDC
5
Output
Power
W
10
Voltage
VDC
0.8 to 4.5
Voltage Tolerance
%
For Vout = 0.9V and above (using external diode BAR065V for
Vout = 0.9V up to 1.3V) at 25°C Ambient Temp.
- 3
+3
%
For Vout = 0.8V up to 1.3V using external diode MCL4448 at
25°C Ambient Temp.
- 5
+5
Temp. Coefficient
%/°C
0.15
Ripple and Noise
mVpp
DC to 20 MHz
80
General
Package Weight
gr.
1.4
Oscillator
Frequency
KHz
400
SYNC Range
FSYNC/FOSC
1.2
1.5
Temperature
Operation
°C
- 40
+ 85
Storage
°C
- 55
+ 125
Operating Junction Temp.
°C
Tj
150
Thermal Impedance
°C/WD*
θ
JA
82
Rise Time
Rise Time (PWM mode): Vin = 6V; Vout = 3.3V; lout = 3A
Fall Time
Fall Time (PWM mode): Vin = 6V; Vout = 3.3V; lout = 3A
Rise Time (PWM mode): Vin = 6V; Vout = 1.2V; lout = 3A
Fall Time (PWM mode): Vin = 6V; Vout = 1.2V; lout = 3A


Similar Part No. - FX5545G0182V9T1E2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FX5545G005 VISHAY-FX5545G005 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B1 VISHAY-FX5545G0052V7B1 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B1E2 VISHAY-FX5545G0052V7B1E2 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B5 VISHAY-FX5545G0052V7B5 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
FX5545G0052V7B5E2 VISHAY-FX5545G0052V7B5E2 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
More results

Similar Description - FX5545G0182V9T1E2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FX5545G108 VISHAY-FX5545G108 Datasheet
567Kb / 6P
   The Smallest and Low Profile 0.9V to 4.5V, 4A with 570W/in^3 Power Density Efficiency up to 95% DC/DC Buck Converter
Revision: 21-Jan-05
logo
Maxim Integrated Produc...
MAX17686 MAXIM-MAX17686 Datasheet
866Kb / 19P
   4.5V to 60V Input, High-Efficiency, Iso-Buck DC-DC Converter
Rev 1; 4/19
MAX17524 MAXIM-MAX17524_V01 Datasheet
1Mb / 25P
   4.5V to 60V, Dual 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter
2019
MAX17574 MAXIM-MAX17574_V01 Datasheet
1Mb / 21P
   4.5V to 60V, 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
MAX17687 MAXIM-MAX17687 Datasheet
751Kb / 19P
   4.5V to 60V Input, Ultra-Small, High-Efficiency, Iso-Buck DC-DC Converter
Rev 0; 12/18
logo
List of Unclassifed Man...
XL2596 ETC2-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
logo
XLSEMI
XL1583 XLSEMI-XL1583 Datasheet
190Kb / 9P
   3A 380KHz 23V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL1530 ETC2-XL1530 Datasheet
251Kb / 9P
   3A 380KHz 18V Buck DC to DC Converter
logo
XLSEMI
XL2596 XLSEMI-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
XL1507 XLSEMI-XL1507 Datasheet
324Kb / 12P
   3A 150KHz 40V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com