Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4529N Datasheet(PDF) 1 Page - Texas Instruments

Part # PT4529N
Description  20-W 48-V Input Isolated DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4529N Datasheet(HTML) 1 Page - Texas Instruments

  PT4529N Datasheet HTML 1Page - Texas Instruments PT4529N Datasheet HTML 2Page - Texas Instruments PT4529N Datasheet HTML 3Page - Texas Instruments PT4529N Datasheet HTML 4Page - Texas Instruments PT4529N Datasheet HTML 5Page - Texas Instruments PT4529N Datasheet HTML 6Page - Texas Instruments PT4529N Datasheet HTML 7Page - Texas Instruments PT4529N Datasheet HTML 8Page - Texas Instruments PT4529N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Standard Application
Features
Input Voltage Range:
36V to 75V
20W Rated
• Output Voltages: 1.2V to 15V
82% Efficiency
1500 VDC Isolation
Low Profile (8.5 mm)
Adjustable Output Voltage
PT4520 Series
20-W 48-V Input Isolated
DC/DC Converter
PT4520
LOAD
4, 5
2, 3
1
9, 10
7, 8
11
6
12
Remote Sense (–)
Remote Sense (+)
+V
OUT
–V
OUT
V
OAdj
+V
IN
–V
IN
Remote
On/Off
Q
1
BSS138
SLTS148B - JUNE 2000 - REVISED OCTOBER 2002
Ordering Information
PT4521
H = 3.3V/5A (16.5W)
PT4522
H = 5.0V/4A
PT4523
H = 12V/1.6A
PT4524
H = 15V/1.3A
PT4526
H = 1.5V/5A (7.5W)
PT4527
H = 1.8V/5A (9W)
PT4528
H = 2.5V/5A (12.5W)
PT4529
H = 1.2V/5A (6W)
Pin-Out Information
Pin
Function
1
Remote On/Off *
2–Vin
3–Vin
4+Vin
5+Vin
6
Remote Sense (–)
7
–Vout
8
–Vout
9
+Vout
10
+Vout
11
Remote Sense (+)
12
Vout Adjust *
* For further information, see
application notes.
Description
The PT4520 Excalibur™ power modules
are a series of isolated DC/DC converters
housed a new space-saving copper case. The
series includes a number of standard output
voltages ranging from as low as 1.2VDC to
15VDC, each adjustable by up to 10% of
nominal. The modules are ideal for Telecom,
Industrial, Computer, and other distributed
power applications that require input-to-output
isolation.
Using multiple modules, system designers
can implement a complete custom power supply
solution. The flexibility of full isolation also
allows the input or output to be configured for
negative voltage operation.
The PT4520 series is electrically equivalent
to the popular PT4120 series and requires no
additional components for proper operation.
Remote On/Off
Differential Remote Sense
Short Circuit Protection
Over Temperature Shutdown
Space Saving Package:
1.0 sq. in. PCB Area (Suffix N)
Safety Approvals Pending
4×106 Hrs MTBF
PT Series Suffix (PT1234x )
Case/Pin
Order
Package
Configuration
Suffix
Code
Vertical
N
(ELJ)
Horizontal
A
(ELK)
SMD
C
(ELL)
(Reference the applicable package code draw-
ing for the dimensions and PC board layout)


Similar Part No. - PT4529N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4500 TI-PT4500 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4500 TI1-PT4500 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4500 TI1-PT4500_14 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4501 TI-PT4501 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4501 TI1-PT4501 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
More results

Similar Description - PT4529N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PTQA430025_0612 TI-PTQA430025_0612 Datasheet
506Kb / 18P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com