Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1275 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SD1275
Description  Silicon PNP epitaxial planar type Darlington
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1275 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD1275 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1275 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SB949, 2SB949A
Silicon PNP epitaxial planar type Darlington
For power amplification and switching
Complementary to 2SD1275 and 2SD1275A
s Features
q
High foward current transfer ratio hFE
q
High-speed switching
q
Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–60
–80
–60
–80
–5
–4
–2
35
2
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
2SB949
2SB949A
2SB949
2SB949A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
*h
FE2 Rank classification
Rank
Q
P
hFE2
2000 to 5000 4000 to 10000
Unit: mm
Internal Connection
1:Base
2:Collector
3:Emitter
TO–220 Full Pack Package(a)
10.0
±0.2
5.5
±0.2
0.5
+0.2
–0.1
1.4
±0.1
1.3
±0.2
0.8
±0.1
2.54
±0.25
5.08
±0.5
2
13
2.7
±0.2
4.2
±0.2
φ3.1±0.1
Parameter
Collector cutoff
current
Collector cutoff
current
Emitter cutoff current
Collector to emitter
voltage
Forward current transfer ratio
Base to emitter voltage
Collector to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
ICEO
IEBO
VCEO
hFE1
hFE2
*
VBE
VCE(sat)
fT
ton
tstg
tf
Conditions
VCB = –60V, IE = 0
VCB = –80V, IE = 0
VCB = –30V, IB = 0
VCB = –40V, IB = 0
VEB = –5V, IC = 0
IC = –30mA, IB = 0
VCE = –4V, IC = –1A
VCE = –4V, IC = –2A
VCE = –4V, IC = –2A
IC = –2A, IB = –8mA
VCE = –10V, IC = – 0.5A, f = 1MHz
IC = –2A, IB1 = –8mA, IB2 = 8mA,
VCC = –50V
min
–60
–80
1000
2000
typ
20
0.4
1.5
0.5
max
–1
–1
–2
–2
–2
10000
–2.8
–2.5
Unit
mA
mA
mA
V
V
V
MHz
µs
µs
µs
2SB949
2SB949A
2SB949
2SB949A
2SB949
2SB949A
B
C
E


Similar Part No. - 2SD1275

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1275 PANASONIC-2SD1275 Datasheet
62Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
logo
Savantic, Inc.
2SD1275 SAVANTIC-2SD1275 Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1275 JMNIC-2SD1275 Datasheet
128Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1275 ISC-2SD1275 Datasheet
139Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1275 SAVANTIC-2SD1275 Datasheet
114Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2SD1275

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1180 PANASONIC-2SB1180 Datasheet
102Kb / 4P
   Silicon PNP epitaxial planar type darlington
2SB939 PANASONIC-2SB939 Datasheet
73Kb / 3P
   Silicon PNP epitaxial planar type Darlington
2SB1502 PANASONIC-2SB1502 Datasheet
70Kb / 3P
   Silicon PNP epitaxial planar type Darlington
2SB1504 PANASONIC-2SB1504 Datasheet
90Kb / 3P
   Silicon PNP epitaxial planar type darlington
logo
Rohm
2SB1076M ROHM-2SB1076M Datasheet
42Kb / 1P
   Epitaxial Planar PNP Silicon Darlington Transistors
logo
Toshiba Semiconductor
2SB1617 TOSHIBA-2SB1617_06 Datasheet
148Kb / 5P
   Silicon PNP Epitaxial Type (Darlington)
logo
List of Unclassifed Man...
SLA6010 ETC-SLA6010 Datasheet
373Kb / 3P
   SILICON NPN TRIPLE DIFFUSED PLANAR DARLINGTON, SILICON PNP EPITAXIAL PLANAR DARLINGTON
logo
Toshiba Semiconductor
2SB1457 TOSHIBA-2SB1457_06 Datasheet
141Kb / 5P
   Silicon PNP Epitaxial Type (Darlington)
logo
Sanken electric
SLA6050 SANKEN-SLA6050 Datasheet
237Kb / 3P
   SILICON NPN TRIPLE DIFFUSED PLANAR DARLINGTON SILICON PNP EPITAXIAL PLANAR DARLINGTON
logo
Panasonic Semiconductor
2SB1253 PANASONIC-2SB1253 Datasheet
74Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com