Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4523A Datasheet(PDF) 3 Page - Texas Instruments

Part # PT4523A
Description  20-W 48-V Input Isolated DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4523A Datasheet(HTML) 3 Page - Texas Instruments

  PT4523A Datasheet HTML 1Page - Texas Instruments PT4523A Datasheet HTML 2Page - Texas Instruments PT4523A Datasheet HTML 3Page - Texas Instruments PT4523A Datasheet HTML 4Page - Texas Instruments PT4523A Datasheet HTML 5Page - Texas Instruments PT4523A Datasheet HTML 6Page - Texas Instruments PT4523A Datasheet HTML 7Page - Texas Instruments PT4523A Datasheet HTML 8Page - Texas Instruments PT4523A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
PT4521, 3.3 VDC (See Note A)
Safe Operating Area, Vin =48V (See Note B)
Typical Characteristics
PT4520 Series
20-W 48-V Input Isolated
DC/DC Converter
50
60
70
80
90
0
0.4
0.8
1.2
1.6
Iout (A)
36.0V
48.0V
60.0V
72.0V
VIN
0
10
20
30
40
50
0
0.4
0.8
1.2
1.6
Iout (A)
72.0V
60.0V
48.0V
36.0V
V
IN
50
60
70
80
90
012
34
Iout (A)
36.0V
48.0V
60.0V
72.0V
VIN
0
1
2
3
4
5
6
0
123
4
Iout (A)
72.0V
60.0V
48.0V
36.0V
VIN
50
60
70
80
90
012
345
Iout (A)
36.0V
48.0V
60.0V
72.0V
VIN
0
10
20
30
40
50
012
345
Iout (A)
72.0V
60.0V
48.0V
36.0V
V
IN
0
1
2
3
4
5
6
0
1234
5
Iout (A)
72.0V
60.0V
48.0V
36.0V
VIN
PT4522, 5 VDC (See Note A)
PT4523, 12 VDC (See Note A)
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
0
10
20
30
40
50
01
234
Iout (A)
72.0V
60.0V
48.0V
36.0V
VIN
0
1
2
3
4
5
6
0
0.4
0.8
1.2
1.6
Iout (A)
72.0V
60.0V
48.0V
36.0V
VIN
20
30
40
50
60
70
80
90
0
12345
Iout (A)
300LFM
200LFM
100LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
01234
Iout (A)
300LFM
200LFM
100LFM
Nat conv
Airflow
Safe Operating Area, Vin =48V (See Note B)
Safe Operating Area, Vin =48V (See Note B)
20
30
40
50
60
70
80
90
0
0.25
0.5
0.75
1
1.25
1.5
1.75
Iout (A)
300LFM
200LFM
100LFM
Nat conv
Airflow
SLTS148B - JUNE 2000 - REVISED OCTOBER 2002


Similar Part No. - PT4523A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4500 TI-PT4500 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4500 TI1-PT4500 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4500 TI1-PT4500_14 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4501 TI-PT4501 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4501 TI1-PT4501 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
More results

Similar Description - PT4523A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PTQA430025_0612 TI-PTQA430025_0612 Datasheet
506Kb / 18P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com