Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4527C Datasheet(PDF) 8 Page - Texas Instruments

Part # PT4527C
Description  20-W 48-V Input Isolated DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4527C Datasheet(HTML) 8 Page - Texas Instruments

Back Button PT4527C Datasheet HTML 2Page - Texas Instruments PT4527C Datasheet HTML 3Page - Texas Instruments PT4527C Datasheet HTML 4Page - Texas Instruments PT4527C Datasheet HTML 5Page - Texas Instruments PT4527C Datasheet HTML 6Page - Texas Instruments PT4527C Datasheet HTML 7Page - Texas Instruments PT4527C Datasheet HTML 8Page - Texas Instruments PT4527C Datasheet HTML 9Page - Texas Instruments PT4527C Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
PT4521A
ACTIVE
SIP MOD
ULE
ELK
12
10
TBD
Call TI
Level-1-215C-UNLIM
PT4521C
ACTIVE
SIP MOD
ULE
ELL
12
10
TBD
Call TI
Level-3-215C-168HRS
PT4522A
ACTIVE
SIP MOD
ULE
ELK
12
10
TBD
Call TI
Level-1-215C-UNLIM
PT4522C
ACTIVE
SIP MOD
ULE
ELL
12
10
TBD
Call TI
Level-3-215C-168HRS
PT4522N
ACTIVE
SIP MOD
ULE
ELJ
12
10
TBD
Call TI
Level-1-215C-UNLIM
PT4523A
ACTIVE
SIP MOD
ULE
ELK
12
10
TBD
Call TI
Level-1-215C-UNLIM
PT4523C
ACTIVE
SIP MOD
ULE
ELL
12
10
TBD
Call TI
Level-3-215C-168HRS
PT4523N
ACTIVE
SIP MOD
ULE
ELJ
12
10
TBD
Call TI
Level-1-215C-UNLIM
PT4524A
ACTIVE
SIP MOD
ULE
ELK
12
10
TBD
Call TI
Level-1-215C-UNLIM
PT4524C
ACTIVE
SIP MOD
ULE
ELL
12
10
TBD
Call TI
Level-3-215C-168HRS
PT4524N
ACTIVE
SIP MOD
ULE
ELJ
12
10
TBD
Call TI
Level-1-215C-UNLIM
PT4529A
ACTIVE
SIP MOD
ULE
ELK
12
10
TBD
Call TI
Level-1-215C-UNLIM
PT4529C
ACTIVE
SIP MOD
ULE
ELL
12
10
TBD
Call TI
Level-3-215C-168HRS
PT4529N
ACTIVE
SIP MOD
ULE
ELJ
12
10
TBD
Call TI
Level-1-215C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
PACKAGE OPTION ADDENDUM
www.ti.com
13-Oct-2005
Addendum-Page 1


Similar Part No. - PT4527C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4500 TI-PT4500 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4500 TI1-PT4500 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4500 TI1-PT4500_14 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4501 TI-PT4501 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4501 TI1-PT4501 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
More results

Similar Description - PT4527C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PTQA430025_0612 TI-PTQA430025_0612 Datasheet
506Kb / 18P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com