Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4529C Datasheet(PDF) 4 Page - Texas Instruments

Part # PT4529C
Description  20-W 48-V Input Isolated DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4529C Datasheet(HTML) 4 Page - Texas Instruments

  PT4529C Datasheet HTML 1Page - Texas Instruments PT4529C Datasheet HTML 2Page - Texas Instruments PT4529C Datasheet HTML 3Page - Texas Instruments PT4529C Datasheet HTML 4Page - Texas Instruments PT4529C Datasheet HTML 5Page - Texas Instruments PT4529C Datasheet HTML 6Page - Texas Instruments PT4529C Datasheet HTML 7Page - Texas Instruments PT4529C Datasheet HTML 8Page - Texas Instruments PT4529C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
PT4500/PT4520 Series
Operating Features and System Considerations for
the PT4500/PT4520 DC/DC Converters
Output Current Limit
The PT4500 and PT4520 series of DC/DC converters
incorporate an output current limit. This protects both the
module and upstream source against load faults. Applying
a load, in excess of the current limit threshold, will sim-
ply cause the output voltage to drop. The output current
remains limited, but continues to flow in the fault. The
drop in output voltage will vary according to the severity
of the fault. Applying a short circuit to the output will
result in an output voltage of zero, and the fault current
will be limited to a value slightly higher than the current
limit threshold. Upon the removal of the load fault, the
output voltage of the module will fully recover to its
normal regulated output voltage.
Primary-Secondary Isolation
The PT4500 and PT4520 series of DC/DC converters
incorporate electrical isolation between the input termi-
nals (primary) and the output terminals (secondary). All
converters are production tested to a withstand voltage
of 1500VDC. The isolation complies with UL60950 and
EN60950, and the requirements for operational isolation.
This allows the converter to be configured for either a
positive or negative input voltage source.
Output Voltage Adjustment
The output voltage is typcially adjustable over a range of
±10% of nominal. Consult the separate application note,
“Ajusting the Output Voltage of the PT4500/PT4520
Series of Isolated DC/DC Converters.”
Remote On/Off Function
The output voltage from the converter can be turned off
from the primary side using the Remote On/Off control
(pin 1). Consult the separate application note, “Using
the Remote On/Off Function on the PT4500/PT4520
Series of Isolated DC/DC Converters.”
Under-Voltage Lock-Out
The Under-Voltage Lock-Out (UVLO) circuit prevents
operation of the converter whenever the input voltage to
the module is insufficient to maintain output regulation.
Below the UVLO threshold the module is off and the
Remote On/Off control (pin 1) is inoperative. Table 1-2
gives the applicable UVLO thresholds.
Table 1-2; UVLO Thresholds
Series
UVLO Threshold
Vin Range
PT4520
31V Typical
36 – 75V
PT4500
16.5V Typical
18 – 40V
Turn-On Time
The typical turn-on time is typically 35 milliseconds at
Vin =48V. This is from application of input power, or the
removal of a low-voltage signal from the Remote On/Off
(pin 1). This includes about about 5–10ms of delay time
before the output voltage begins to rise. Turn-on time
will vary slightly with input voltage, output load, and the
total amount of capacitance connected to the output.
Input Current Limiting
The converter is not internally fused. For safety and
overall system protection, the maximum input current to
the converter must be limited. Active or passive current
limiting can be used. Passive current limiting can be a
fast acting fuse. A 125-V fuse, rated no more than 5A, is
recommended. Active current limiting can be imple-
mented with a current limited “Hot-Swap” controller.
Thermal Considerations
Airflow may be necessary to ensure that the module can
supply the desired load current in environments with
elevated ambient temperatures. The required airflow
rate may be determined from the Safe Operating Area
(SOA) thermal derating curves. These are provided in
the “Typical Characteristics” section of the converter
specifications.


Similar Part No. - PT4529C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4500 TI-PT4500 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4500 TI1-PT4500 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4500 TI1-PT4500_14 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4501 TI-PT4501 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4501 TI1-PT4501 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
More results

Similar Description - PT4529C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PTQA430025_0612 TI-PTQA430025_0612 Datasheet
506Kb / 18P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com